| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC912XDP512F0CALR bảng dữ liệu(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC912XDP512F0CALR bảng dữ liệu(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 1348 page ![]() Chapter 1 Device Overview MC9S12XD-Family MC9S12XDP512 Data Sheet, Rev. 2.21 48 Freescale Semiconductor The S12XD, S12XA and S12XB family devices are offered in the following packages: • 144-pin LQFP package with an external bus interface (address/data bus) • 112-pin LQFP without external bus interface • 80-pin QFP without external bus interface See Appendix E Derivative Differences for package options. CAUTION Most the I/O Pins have different functionality depending on the module configuration. Not all functions are shown in the following pinouts. Please refer to Table 1-7 for a complete description. For avalability of the modules on different family members refer to Appendix E Derivative Differences. For pinout explanations of the different parts refer to E.7 Pinout explanations: |