công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M34E02-FMC1TG bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện M34E02-FMC1TG
Giải thích chi tiết về linh kiện  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FMC1TG bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button M34E02-FMC1TG Datasheet HTML 14Page - STMicroelectronics M34E02-FMC1TG Datasheet HTML 15Page - STMicroelectronics M34E02-FMC1TG Datasheet HTML 16Page - STMicroelectronics M34E02-FMC1TG Datasheet HTML 17Page - STMicroelectronics M34E02-FMC1TG Datasheet HTML 18Page - STMicroelectronics M34E02-FMC1TG Datasheet HTML 19Page - STMicroelectronics M34E02-FMC1TG Datasheet HTML 20Page - STMicroelectronics M34E02-FMC1TG Datasheet HTML 21Page - STMicroelectronics M34E02-FMC1TG Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Initial delivery state
M34E02, M34E02-F
18/34
Doc ID 10367 Rev 10
4
Initial delivery state
The device is delivered with all bits in the memory array set to ‘1’ (each Byte contains FFh).
5
Use within a DDR1/DDR2 DRAM module
In the application, the M34E02/M34E02-F is soldered directly in the printed circuit module.
The three Chip Enable inputs (E0, E1, E2) must be connected to VSS or VCC directly (that is
without using a pull-up or pull-down resistor) through the DIMM socket (see Table 4). The
pull-up resistors needed for normal behavior of the I2C bus are connected on the I2C bus of
the mother-board (as shown in Figure 11).
The Write Control (WC) of the M34E02/M34E02-F can be left unconnected. However,
connecting it to VSS is recommended, to maintain full read and write access.
5.1
Programming the M34E02 and M34E02-F
The situations in which the M34E02 and M34E02-F are programmed can be considered
under two headings:
●
when the DDR2 DRAM is isolated (not inserted on the PCB motherboard)
●
when the DDR2 DRAM is inserted on the PCB motherboard
5.1.1
Isolated DRAM module
With specific programming equipment, it is possible to define the M34E02/M34E02-F
content, using Byte and Page Write instructions, and its write-protection using the SWP and
CWP instructions. To issue the SWP and CWP instructions, the DRAM module must be
inserted in a specific slot where the E0 signal can be driven to VHV during the whole
instruction. This programming step is mainly intended for use by DRAM module makers,
whose end application manufacturers will want to clear this write-protection with the CWP
on their own specific programming equipment, to modify the lower 128 Bytes, and finally to
set permanently the write-protection with the PSWP instruction.
Table 4.
DRAM DIMM connections
DIMM position
E2
E1
E0
0
VSS
VSS
VSS
1
VSS
VSS
VCC
2
VSS
VCC
VSS
3
VSS
VCC
VCC
4
VCC
VSS
VSS
5
VCC
VSS
VCC
6
VCC
VCC
VSS
7
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com