| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M34E02-FDW6P bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E02-FDW6P bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 34 page ![]() M34E02, M34E02-F Use within a DDR1/DDR2 DRAM module Doc ID 10367 Rev 10 19/34 5.1.2 DRAM module inserted in the application motherboard As the final application cannot drive the E0 pin to VHV, the only possible action is to freeze the write-protection with the PSWP instruction. Table 5 and Table 6 show how the Ack bits can be used to identify the write-protection status. Table 5. Acknowledge when writing data or defining the write-protection (instructions with R/W bit = 0) Status WC input level Instruction Ack Address Ack Data byte Ack Write cycle (tW) Permanently protected X PSWP, SWP or CWP NoAck Not significant NoAck Not significant NoAck No Page or Byte Write in lower 128 bytes Ack Address Ack Data NoAck No Protected with SWP SWP NoAck Not significant NoAck Not significant NoAck No CWP Ack Not significant Ack Not significant Ack Yes 0 PSWP Ack Not significant Ack Not significant Ack Yes Page or Byte Write in lower 128 bytes Ack Address Ack Data NoAck No SWP NoAck Not significant NoAck Not significant NoAck No 1 CWP Ack Not significant Ack Not significant NoAck No PSWP Ack Not significant Ack Not significant NoAck No Page or Byte Write Ack Address Ack Data NoAck No Not Protected 0 PSWP, SWP or CWP Ack Not significant Ack Not significant Ack Yes Page or Byte Write Ack Address Ack Data Ack Yes 1 PSWP, SWP or CWP Ack Not significant Ack Not significant NoAck No Page or Byte Write Ack Address Ack Data NoAck No |