công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M34E02-FMB6P bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện M34E02-FMB6P
Giải thích chi tiết về linh kiện  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FMB6P bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button M34E02-FMB6P Datasheet HTML 15Page - STMicroelectronics M34E02-FMB6P Datasheet HTML 16Page - STMicroelectronics M34E02-FMB6P Datasheet HTML 17Page - STMicroelectronics M34E02-FMB6P Datasheet HTML 18Page - STMicroelectronics M34E02-FMB6P Datasheet HTML 19Page - STMicroelectronics M34E02-FMB6P Datasheet HTML 20Page - STMicroelectronics M34E02-FMB6P Datasheet HTML 21Page - STMicroelectronics M34E02-FMB6P Datasheet HTML 22Page - STMicroelectronics M34E02-FMB6P Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
M34E02, M34E02-F
Use within a DDR1/DDR2 DRAM module
Doc ID 10367 Rev 10
19/34
5.1.2
DRAM module inserted in the application motherboard
As the final application cannot drive the E0 pin to VHV, the only possible action is to freeze
the write-protection with the PSWP instruction.
Table 5 and Table 6 show how the Ack bits can be used to identify the write-protection
status.
Table 5.
Acknowledge when writing data or defining the write-protection
(instructions with R/W bit = 0)
Status
WC
input
level
Instruction
Ack
Address
Ack
Data byte
Ack
Write
cycle
(tW)
Permanently
protected
X
PSWP, SWP or
CWP
NoAck
Not
significant
NoAck
Not
significant
NoAck
No
Page or Byte Write
in lower 128 bytes
Ack
Address
Ack
Data
NoAck
No
Protected
with SWP
SWP
NoAck
Not
significant
NoAck
Not
significant
NoAck
No
CWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
0
PSWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
Page or Byte Write
in lower 128 bytes
Ack
Address
Ack
Data
NoAck
No
SWP
NoAck
Not
significant
NoAck
Not
significant
NoAck
No
1
CWP
Ack
Not
significant
Ack
Not
significant
NoAck
No
PSWP
Ack
Not
significant
Ack
Not
significant
NoAck
No
Page or Byte Write
Ack
Address
Ack
Data
NoAck
No
Not
Protected
0
PSWP, SWP or
CWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
Page or Byte Write
Ack
Address
Ack
Data
Ack
Yes
1
PSWP, SWP or
CWP
Ack
Not
significant
Ack
Not
significant
NoAck
No
Page or Byte Write
Ack
Address
Ack
Data
NoAck
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34