| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M34E02 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E02 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 34 page ![]() Signal description M34E02, M34E02-F 8/34 Doc ID 10367 Rev 10 2 Signal description 2.1 Serial Clock (SCL) This input signal is used to strobe all data in and out of the device. In applications where this signal is used by slave devices to synchronize the bus to a slower clock, the bus master must have an open drain output, and a pull-up resistor can be connected from Serial Clock (SCL) to VCC. (Figure 4 indicates how the value of the pull-up resistor can be calculated). In most applications, though, this method of synchronization is not employed, and so the pull- up resistor is not necessary, provided that the bus master has a push-pull (rather than open drain) output. 2.2 Serial Data (SDA) This bidirectional signal is used to transfer data in or out of the device. It is an open drain output that may be wire-OR’ed with other open drain or open collector signals on the bus. A pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 4 indicates how the value of the pull-up resistor can be calculated). 2.3 Chip Enable (E0, E1, E2) These input signals are used to set the value that is to be looked for on the three least significant bits (b3, b2, b1) of the 7-bit device select code. In the end application, E0, E1 and E2 must be directly (not through a pull-up or pull-down resistor) connected to VCC or VSS to establish the device select code. When these inputs are not connected, an internal pull- down circuitry makes (E0,E1,E2) = (0,0,0). The E0 input is used to detect the VHV voltage, when decoding an SWP or CWP instruction. Figure 3. Device select code 2.4 Write Control (WC) This input signal is provided for protecting the contents of the whole memory from inadvertent write operations. Write Control (WC) is used to enable (when driven low) or disable (when driven high) write instructions to the entire memory area or to the Protection Register. When Write Control (WC) is tied low or left unconnected, the write protection of the first half of the memory is determined by the status of the Protection Register. |