| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RHFL4913A bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHFL4913A bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 20 page ![]() RHFL4913A Packaging Doc ID 10005 Rev 11 17/20 9 Packaging The RHFL4913A adjustable voltage regulator is available in a high thermal dissipation 16- pin hermetic Flat package, the bottom flange of which is metallized to allow direct soldering to a heat sink (efficient thermal conductivity). The device is also available in the SMD5C hermetic ceramic package. |