| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68SMASMAB bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68SMASMAB bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 4 page ![]() M68SMASM MOTOROLA M68SMASM/D 3 These tools place few restrictions on the application. Some examples of the freedom allowed are: symbol names up to 128 characters, 32 Kbyte symbols per source file, 256 sections, nested macros and nested include files to 256 levels, and evaluation of all expressions using 32-bit arithmetic. With the linker, a user arranges program sections to fit into physical memory. Sections can be con- tained in one or more files facilitating rapid development and debugging. A user-defined directive file instructs the linker where to place these sections. Additionally, the linker supports solutions to more advanced problems, such as, partial linking and source level debugging. Individual microcontroller instruction sets and addressing modes are optimized for high perfor- mance. Motorola’s macro assembler supports the instruction sets of all our controllers with a com- mon syntax and with language extensions that ease the upward migration path without sacrificing any of the speed or efficient memory utilization benefits that assembly language provides. ASSEMBLER DIRECTIVES Assembly Control Macros and Conditional Assembly BASE — Sets default number base ELSEC — Assemble when IFcc is false END — End of source program ENDC — End conditional assembly FAIL — User generated warning or error ENDM — End macro definition INCLUDE — Include secondary file IFcc — Conditional assembly ORG — Sets location counter MACRO — Macro definition MEXIT — Exit macro Data Definition/Storage Allocation Symbol Definition ALIGN — Aligns data or code in memory EQU — Equate symbol to a value DC — Allocates initialized storage SECTION — Start section DCB — Allocates initialized memory block SET — Set symbol to a value DS — Reserves uninitialized memory XDEF — External symbol definition EVEN — Align to next word address XREF — External symbol reference LONGEVEN — Align to next longword address XREFB — External byte reference Listing Control and Options CLIST — Controls conditional assembly listing LIST — List the assembly LLEN — Sets length of listing line MLIST — Controls macro listing NOLIST — Stop assembly listing NOPAGE — Disables pagination in listing PAGE — Advance to next page PLEN — Sets page length SPC — Insert blank lines in listing TABS — Sets the tab length TTL — Sets the title Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |