| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC705SP7 bảng dữ liệu(PDF) 179 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 bảng dữ liệu(HTML) 179 Page - Freescale Semiconductor, Inc |
|
179 / 230 page ![]() MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification EPROM/OTPROM General Release Specification — MC68HC705JJ7/MC68HC705JP7 Section 13. EPROM/OTPROM 13.1 Contents 13.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .179 13.3 EPROM Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .179 13.3.1 EPROM Programming Register (EPROG) . . . . . . . . . . . .180 13.3.2 Mask Option Register (MOR) . . . . . . . . . . . . . . . . . . . . . .181 13.3.3 EPROM Security Bit (EPMSEC) . . . . . . . . . . . . . . . . . . . .184 13.4 EPROM Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .184 13.4.1 MOR Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .185 13.4.2 EPMSEC Programming. . . . . . . . . . . . . . . . . . . . . . . . . . .186 13.5 EPROM Erasing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .186 13.2 Introduction This section describes how to program the 6160-byte EPROM/OTPROM, the mask option register (MOR), and the EPROM security bit (EPMSEC). NOTE: In packages with no quartz window, the EPROM functions as one-time programmable ROM (OTPROM). 13.3 EPROM Registers The EPROM programming register (EPROG) controls the actual programming of the EPROM bytes and the MOR. The mask option register (MOR) controls eight mask options found on the ROM version of this MCU. There is an additional EPROM bit (EPMSEC) located at the COP address to provide EPROM array security. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |