công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC05BD2 bảng dữ liệu(PDF) 49 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC05BD2
Giải thích chi tiết về linh kiện  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05BD2 bảng dữ liệu(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 68HC05BD2 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
SECTION 9: DDC12AB INTERFACE
Page 39
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
SECTION 9
DDC12AB INTERFACE
9.1
Introduction
This DDC12AB Interface Module is mainly used for monitor to show its identification
information to video controller. It contains DDC1 hardware and a two-wire, bidirectional
serial bus which is fully compatible with multi-master IIC bus protocol to support DDC2AB
interface. In DDC1 type of communication, the module is in transmit mode. For DDC2AB
protocol, the module can be either in transmit mode or in receive mode upon host’s
commands. When DDC1 hardware is enabled, the loaded data is serially clocked out to
SDA line by the rising edge of VSYNC input signal continuously. If DDC2 protocol is
selected, the module will act as a standard IIC module, and will response only when it is
addressed or in master mode. During DDC1 communication, the falling transition in the
SCL line can be detected to interrupt cpu for mode switching.
This module not only can be applied in DDC12AB communication, but also can be used as
one typical command reception serial bus for factory setup and alignment purpose. It also
provides the flexibility of hooking additional devices to an existing system in future
expansion without adding extra hardware.
This DDC12AB module uses the SCL clock line and the SDA data line to communicate with
external DDC host or IIC interface. These two pins are shared with PD0 and PD1 port pins.
The outputs of SDA and SCL pins are all open-drain type. It means no clamping diode
connected between the pin and internal VDD. The maximum data rate typically is 100K bps.
The maximum communication length and the number of devices that can be connected are
limited by a maximum bus capacitance of 400 pF.
9.2
DDC12AB Features
•
DDC1 hardware
•
Fully compatible with multi-master IIC Bus standard
•
Software controllable acknowledge bit generation
•
Interrupt driven byte by byte data transfer
•
Calling address identification interrupt
•
Auto detection of RW bit and switching of transmit or receive mode
accordingly
•
Detection of START, repeated START, and STOP signals
•
Auto generation of START and STOP condition in master mode
•
Arbitration loss detection and No-ACK awareness in master mode
•
Master clock generator with 8 selectable baud rates
•
Automatic recognition of the received acknowledge bit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com