| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC05BD7 bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05BD7 bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 85 page ![]() SECTION 2: MEMORY Page 11 MC68HC05BD7 Rev. 2.0 GENERAL RELEASE SPECIFICATION SECTION 2 MEMORY The MC68HC05BD7 has a 16K byte memory map, consisting of user ROM/EPROM, RAM, Self-Check/Bootstrap ROM, and I/O as shown in Figure 2-1. Figure 2-1: The 16K Memory Map of the MC68HC05BD7 Stack 64 Bytes Self-Check/Bootstrap Vectors 16 Bytes RAM 256 Bytes for HC05BD2 384 Bytes for HC05BD7/HC705BD7 $0000 I/O 48 Bytes $00C0 $0100 $01B0 Unused 480 Bytes Bootstrap ROM for HC705BD7 Unused in HC05BD2/HC05BD7 User Vectors 16 Bytes $3FF0 $3FFF $3FE0 $0030 $2800 $3F00 $0E00 $1000 224 Bytes Self-Check ROM for HC05BD2/HC05BD7 Unused in HC705BD7 $0FE0 User ROM 5.57K-bytes for HC05BD2 11.75K-bytes for HC05BD7 User EPROM 11.5K-bytes for HC705BD7 $3E00 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |