công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC08KL8 bảng dữ liệu(PDF) 39 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC08KL8
Giải thích chi tiết về linh kiện  General Release Specification
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC08KL8 bảng dữ liệu(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC08KL8 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC08KL8 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC08KL8 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC08KL8 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC08KL8 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC08KL8 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC08KL8 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC08KL8 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC08KL8 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 256 page
background image
Memory Map
Reserved Memory Locations
MC68HC08KL8 — Rev. 2.0
General Release Specification
Memory Map
$0008
Port E Data Register
(PTE)
Read:
0
PTE6
PTE5
PTE4
PTE3
PTE2
PTE1
PTE0
Write:
Reset:
Unaffected by Reset
$0009
Unimplemented
Read:
Write:
$000A
Unimplemented
Read:
Write:
$000B
Unimplemented
Read:
Write:
$000C
Data Direction Register E
(DDRE)
Read:
0
DDRE6
DDRE5
DDRE4
DDRE3
DDRE2
DDRE1 DDRE0
Write:
Reset:
0
0
0
0
0
0
0
0
$000D
Keyboard Status and Control
Register (KBSCR)
Read:
0
0
0
0
KEYF
0
IMASKK MODEK
Write:
ACKK
Reset:
0
0
0
0
0
0
0
0
$000E
Keyboard Interrupt Enable
Register (KBIER)
Read:
KBIE7
KBIE6
KBIE5
KBIE4
KBIE3
KBIE2
KBIE1
KBIE0
Write:
Reset:
0
0
0
0
0
0
0
0
$000F
Port Option Control Register
(POC)
Read:
0
0
LDD
00
PCP
PBP
PAP
Write:
Reset:
0
0
1
0
0
0
0
0
$0010
TIM Status and Control Register
(TSC)
Read:
TOF
TOIE
TSTOP
00
PS2
PS1
PS0
Write:
0
TRST
Reset:
0
0
1
0
0
0
0
0
$0011
Unimplemented
Read:
Write:
Addr.
Name
Bit 7
6
5
4
3
2
1
Bit 0
= Unimplemented
R
= Reserved
X = Indeterminate
Figure 2-2. Control, Status, and Data Registers (Sheet 2 of 9)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com