công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24C01-FMN3TP/S bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện M24C01-FMN3TP/S
Giải thích chi tiết về linh kiện  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-FMN3TP/S bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button M24C01-FMN3TP/S Datasheet HTML 6Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 7Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 8Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 9Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 10Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 11Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 12Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 13Page - STMicroelectronics M24C01-FMN3TP/S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Signal description
M24C16, M24C08, M24C04, M24C02, M24C01
10/39
Doc ID 5067 Rev 16
Figure 6.
I²C bus protocol
Table 3.
Device select code
Device type identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable(2),(3)
2.
E0, E1 and E2 are compared against the respective external pins on the memory device.
3.
A10, A9 and A8 represent most significant bits of the address.
RW
b7
b6
b5
b4
b3
b2
b1
b0
M24C01 select code
1
0
1
0
E2
E1
E0
RW
M24C02 select code
1
0
1
0
E2
E1
E0
RW
M24C04 select code
1
0
1
0
E2
E1
A8
RW
M24C08 select code
1
0
1
0
E2
A9
A8
RW
M24C16 select code
1
0
1
0
A10
A9
A8
RW
SCL
SDA
SCL
SDA
SDA
Start
condition
SDA
Input
SDA
Change
AI00792c
Stop
condition
1
23
7
89
MSB
ACK
Start
condition
SCL
1
23
7
89
MSB
ACK
Stop
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39