| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C01-WCT6TP/S bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-WCT6TP/S bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 39 page ![]() Device operation M24C16, M24C08, M24C04, M24C02, M24C01 14/39 Doc ID 5067 Rev 16 the addressed location is not Write-protected, the device replies with Ack. The bus master terminates the transfer by generating a Stop condition, as shown in Figure 8. 3.6.2 Page Write The Page Write mode allows up to 16 bytes to be written in a single Write cycle, provided that they are all located in the same page in the memory: that is, the most significant memory address bits are the same. If more bytes are sent than will fit up to the end of the page, a condition known as ‘roll-over’ occurs. This should be avoided, as data starts to become overwritten in an implementation dependent way. The bus master sends from 1 to 16 bytes of data, each of which is acknowledged by the device if Write Control (WC) is Low. If the addressed location is Write-protected, by Write Control (WC) being driven High (during the period from the Start condition until the end of the address byte), the device replies to the data bytes with NoAck, as shown in Figure 7, and the locations are not modified. After each byte is transferred, the internal byte address counter (the 4 least significant address bits only) is incremented. The transfer is terminated by the bus master generating a Stop condition. Figure 8. Write mode sequences with WC = 0 (data write enabled) Byte Write Dev Select Byte address Data in WC Page Write Dev Select Byte address Data in 1 Data in 2 WC Data in 3 AI02804c Page Write (cont'd) WC (cont'd) Data in N ACK R/W ACK ACK ACK ACK ACK ACK R/W ACK ACK |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |