công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T94 bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện M41T94
Giải thích chi tiết về linh kiện  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button M41T94_09 Datasheet HTML 23Page - STMicroelectronics M41T94_09 Datasheet HTML 24Page - STMicroelectronics M41T94_09 Datasheet HTML 25Page - STMicroelectronics M41T94_09 Datasheet HTML 26Page - STMicroelectronics M41T94_09 Datasheet HTML 27Page - STMicroelectronics M41T94_09 Datasheet HTML 28Page - STMicroelectronics M41T94_09 Datasheet HTML 29Page - STMicroelectronics M41T94_09 Datasheet HTML 30Page - STMicroelectronics M41T94_09 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
M41T94
Clock operations
27/41
4.13
Initial power-on defaults
Upon initial application of power to the device, the following register bits are set to a '0' state:
Watchdog register, TR, FT, AFE, ABE, and SQWE. The following bits are set to a '1' state:
ST, OUT, and HT (see Table 9: Default values).
Table 8.
tREC definitions
tREC bit (TR)
STOP bit (ST)
tREC time
Units
Min
Max
00
96
98
ms
01
40
200(1)
1.
Default setting
ms
1
X
50
2000
µs
Table 9.
Default values
Condition
TR
ST
HT
Out
FT
AFE
ABE
SQWE
WATCHDOG
register(1)
1.
BMB0-BMB4, RB0, RB1.
Initial power-up
(battery attach for
SNAPHAT®)(2)
2.
State of other control bits undefined.
0111
000
0
0
Subsequent power-up
(with battery backup)(3)
3.
UC = Unchanged
UC
UC
1
UC
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41