| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C08-R bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C08-R bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 39 page ![]() Signal description M24C16, M24C08, M24C04, M24C02, M24C01 10/39 Doc ID 5067 Rev 16 Figure 6. I²C bus protocol Table 3. Device select code Device type identifier(1) 1. The most significant bit, b7, is sent first. Chip Enable(2),(3) 2. E0, E1 and E2 are compared against the respective external pins on the memory device. 3. A10, A9 and A8 represent most significant bits of the address. RW b7 b6 b5 b4 b3 b2 b1 b0 M24C01 select code 1 0 1 0 E2 E1 E0 RW M24C02 select code 1 0 1 0 E2 E1 E0 RW M24C04 select code 1 0 1 0 E2 E1 A8 RW M24C08 select code 1 0 1 0 E2 A9 A8 RW M24C16 select code 1 0 1 0 A10 A9 A8 RW SCL SDA SCL SDA SDA Start condition SDA Input SDA Change AI00792c Stop condition 1 23 7 89 MSB ACK Start condition SCL 1 23 7 89 MSB ACK Stop condition |