công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

310 bảng dữ liệu(PDF) 1 Page - Mill-Max Mfg. Corp.

tên linh kiện 310
Giải thích chi tiết về linh kiện  INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MILL-MAX [Mill-Max Mfg. Corp.]
Trang chủ  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

310 bảng dữ liệu(HTML) 1 Page - Mill-Max Mfg. Corp.

  310 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Headers (350 &
450) use MM# 3404
pins. See page 179
for details.
• Sockets (310 & 410)
use MM# 1005
receptacles and
accept pin diameters
from .015-.025. See
page 137 for details.
• Coplanarity .005”
(Single Row max 10 pins; Double Row max 20 pins).
For higher pin counts contact technical support.
• Insulators are high temp. thermoplastic.
INTERCONNECTS
.100” Grid (.018” dia.) Pins SMT Gull Wing Headers & Sockets
Single and Double Row
www.mill-max.com
516-922-6000
78
Series 310, 350
410, 450
Left Hand
Footprint
Right Hand
Footprint
Left Hand
Footprint
Right Hand
Footprint
Ordering Information
Footprint
Footprint
Double Row Socket, Even # of pins
410-43-2 _ _-41-105000
Fig. 4
Specify even # of pins
04-72
Single Row Socket, Right Hand Footprint
Even # of pins
310-43-1_ _-41-107000
Fig. 3R
Specify even # of pins
02-64
Single Row Socket, Left Hand Footprint
Odd or Even # of pins
310-43-1_ _-41-105000
Fig. 3L
Specify # of pins
02-64
Double Row Header, Even # of pins
450-XX-2 _ _-00-106000
Fig. 2
Specify even # of pins
04-72
Single Row Header, Right Hand Footprint
Even # of pins
350-XX-1_ _-00-107000
Fig. 1R
Specify even # of pins
02-64
Single Row Header, Left Hand Footprint
Odd or Even # of pins
350-XX-1_ _-00-106000
Fig. 1L
Specify # of pins
02-64
Fig. 1
Fig. 2
Fig. 3
Fig. 4
PLATING CODE =
13
93
99
43
44
Sleeve (Pin)
Contact (Clip)
10µ” Au 200µ” Sn/Pb 200µ”Sn/Pb
200µ”Sn 200µ”Sn
30µ” Au
30µ” Au
200µ”Sn/Pb
30µ” Au 200µ”Sn
Pin Plating
10
μ” Au 200μ” Sn/Pb 200μ”Sn
SPECIFY PLATING CODE XX=
10
90
40
Coplanarity .005”. For Pin Counts
> 10 Consult Tech Support
Coplanarity .005”. For Pin Counts
> 20 Consult Tech Support
Coplanarity .005”. For Pin Counts
> 10 Consult Tech Support
Coplanarity .005”. For Pin Counts
> 20 Consult Tech Support
XX=Plating Code
See Below
For Electrical,
Mechanical & Enviromental
Data, See pg. 4
RoHS
2002/95/EC
For RoHS compliance
select
plating code.


Số phần tương tự - 310

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
310 ETC1-310 Datasheet
50Kb / 1P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
DB Lectro Inc
310 DBLECTRO-310 Datasheet
382Kb / 1P
SCREW TYPE SERIES
logo
Intronics Power, Inc.
310 INTRONICS-310 Datasheet
984Kb / 5P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
List of Unclassifed Man...
310 ETC2-310 Datasheet
933Kb / 1P
Four wire Kelvin lead measurements
logo
Morse Mfg. Co., Inc.
310 MORSE-310 Datasheet
2Mb / 6P
Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading
23 Aug., 2022
More results

Mô tả tương tự - 310

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mill-Max Mfg. Corp.
850 MILL-MAX-850 Datasheet
260Kb / 1P
INTERCONNECTS .050??Grid Headers and Sockets Single and Double Row
850-10-001-30-001000 MILL-MAX-850-10-001-30-001000 Datasheet
253Kb / 1P
INTERCONNECTS .050??Grid Surface Mount Headers and Sockets Single and Double Row
830-10-001-10-001000 MILL-MAX-830-10-001-10-001000 Datasheet
177Kb / 1P
INTERCONNECTS 2mm Grid Headers and Sockets Single and Double Row
830-10-001-30-001000 MILL-MAX-830-10-001-30-001000 Datasheet
201Kb / 1P
INTERCONNECTS 2mm Grid Surface Mount Headers And Sockets Single and Double Row
830-10-001-20-001000 MILL-MAX-830-10-001-20-001000 Datasheet
155Kb / 1P
INTERCONNECTS 2mm Grid Right Angle Headers and Sockets Single and Double Row
329-10-102-00-560000 MILL-MAX-329-10-102-00-560000 Datasheet
180Kb / 1P
INTERCONNECTS 2,54 Grid Surface Mount Headers and Sockets Single and Double Row
800 MILL-MAX-800 Datasheet
184Kb / 1P
INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
800-10-003-30-001000 MILL-MAX-800-10-003-30-001000 Datasheet
176Kb / 1P
INTERCONNECTS .100??Grid (.030??dia.) Pins, Surface Mount Headers & Sockets Single and Double Row
335 MILL-MAX-335 Datasheet
103Kb / 1P
INTERCONNECTS Low Profile, .018??dia. Pins Single and Double Row
870-10-002-20-001000 MILL-MAX-870-10-002-20-001000 Datasheet
227Kb / 1P
.070??Grid (.018??dia.) Pins, Right Angle Headers & Sockets
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com