công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2112AH2PC bảng dữ liệu(PDF) 3 Page - Tyco Electronics

tên linh kiện 2112AH2PC
Giải thích chi tiết về linh kiện  Miniature Electropneumatic Timing Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

2112AH2PC bảng dữ liệu(HTML) 3 Page - Tyco Electronics

  2112AH2PC Datasheet HTML 1Page - Tyco Electronics 2112AH2PC Datasheet HTML 2Page - Tyco Electronics 2112AH2PC Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1256
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Ordering Information for MIL-Spec and Hermetically Sealed Models
Typical Part No.
➤
21
1
2
D
H1
N
B
1. Basic Series:
21 = 2100 Miniature electropneumatic timing relay
2. Operation:
1 = On-delay
2 = Off-delay
3. Contact Arrangement:
2 = DPDT (2 form C)
4. Operating Voltage:
A = AC
D = DC
5. Physical Characteristics:
Code
Enclosure
Adjustment
Connector
Mounting
H1 =
Hermetically Sealed
External Screw
Solder Hook
Panel Mount Plate
H2 =
Hermetically Sealed
External Screw
Octal Plug
Chassis Mount
H3 =
Hermetically Sealed
External Screw
“AN” Connector
Panel Mount Plate
4 =
Unsealed
External Knob
Octal Plug
Chassis Mount
5 =
Unsealed
Internal Key
Octal Plug
Chassis Mount
9 =
Unsealed
Internal Key
Solder Hook
Panel Mount Plate
6. Coil Voltage:
M = 12VDC
N = 28VDC
P = 48VDC
R = 110VDC
Y = 125VDC
S = 120VAC, 50/60 Hz.
T = 240VAC, 60 Hz.
U = 115VAC, 400 Hz.
7. Timing Range:
A = .03 to .1 sec.
C = .15 to 1.0 sec.
E = .75 to 10.0 sec.
H = 5.0 to 120.0 sec.
K = 1.5 to 30.0 cycles
B = .1 to .3 sec.
D = .375 to 3.0 sec.
F = 1.0 to 30.0 sec.
J = 5.0 to 180.0 sec.
L = 3.0 to 120.0 cycles
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery..
None at present.
Specifications for MIL-Spec and Hermetically Sealed Models
Dielectric: In accordance with specification MIL-R-
6106E (ASG). Also withstands 1,000 Volts RMS at
60 Hz between non-connected terminals.
Other: Agastat Miniature Timing Relays also
conform to applicable Mil-Spec. requirements
covering:
Moisture
Ozone
Humidity
Sunshine
Sand/Dust
Acoustic Noise
Salt Spray
Prolonged Storage
Agastat
timing relays
perform to
military
specifications
in Patriot
missiles.
Outline Dimensions for MIL-Spec and Hermetically Sealed Models (In inches. Multiply by 25.4 for millimeters).
8 pin solder
hook or MS/AN
Connector
Panel Mount
—H1, —H3
8 pin solder
hook or MS/AN
Connector
Panel Mount
—9
Octal Plug (with internal
adjustment or external
adjustment knob
Chassis Mount
—H2
Octal Plug (with internal
adjustment or external
adjustment knob
Chassis Mount
—4, —5



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com