công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7012PC bảng dữ liệu(PDF) 6 Page - Tyco Electronics

tên linh kiện 7012PC
Giải thích chi tiết về linh kiện  Industrial Electropneumatic Timing Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

7012PC bảng dữ liệu(HTML) 6 Page - Tyco Electronics

  7012PC Datasheet HTML 1Page - Tyco Electronics 7012PC Datasheet HTML 2Page - Tyco Electronics 7012PC Datasheet HTML 3Page - Tyco Electronics 7012PC Datasheet HTML 4Page - Tyco Electronics 7012PC Datasheet HTML 5Page - Tyco Electronics 7012PC Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1253
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 10-07)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Ordering options – can only be orderd as factory installed options (Dimensions, where shown, are in inches.)
A1 – Single Quick-Connect Terminals
A2 – Double Quick-Connect Terminals
B – Plug-In Connectors
GZ – Total Enclosure
H – Hermetically Sealed Enclosure
I – Tamper-Proof Cover
With knockouts for bottom
connection.
3.16" W x 3.84" D x 7.63"H
L – Auxiliary Switch
LL – Auxiliary Switch
(Meets requirements for
Class I, Groups C&D
locations).
7.50"W x 6.00" D x 10.38" H
T – Auxiliary Switch
V – Transient/Surge Protection
W – Watertight Enclosure (NEMA-4)
4.75" W x 4.44" D x 9.75" H
P – Octal Plug Adapter
S – Dial Stops
M – Dustight
Gasket
Gasket
Ordering options can only be ordered as factory installed options.
Transient
Protection
Use with Accessory
“C” or “D” below.
K – Explosion proof Enclosure
X – Panelmount Kit
Mounting hardware
included
.
Plug-In Receptacle (Accessory C)
Plug-In Receptacle (Accessory D)
Quick Connect
Terminals
Catalog No. 700141.
For use with "B"
Option
.
Screw Terminals Catalog
No. 700137. For use with
"B" Option
Accessories (Not available for 7032 models)



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com