công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7012PB bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện 7012PB
Giải thích chi tiết về linh kiện  Industrial Electropneumatic Timing Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

7012PB bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  7012PB Datasheet HTML 1Page - Tyco Electronics 7012PB Datasheet HTML 2Page - Tyco Electronics 7012PB Datasheet HTML 3Page - Tyco Electronics 7012PB Datasheet HTML 4Page - Tyco Electronics 7012PB Datasheet HTML 5Page - Tyco Electronics 7012PB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1249
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 10-07)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
To increase the versatility of the basic timer models, auxiliary switches may
be added to either on-delay or off-delay types. They switch additional circuits,
provide two-step timing action, or furnish electrical interlock for sustained coil
energization from a momentary impulse, depending on the type selected and
its adjustment. Because of their simple attachment and adjustment features,
they can be installed at the factory or in the field, by any competent mechanic.
All auxiliary switches are SPDT with UL listings of 10A @ 125, 250, or 480 VAC.
A maximum of one Code T or two Code L auxiliary switches may be added to
each relay. The L or LL switch is available with on-delay relays only. The T
switch is available with both the on-delay and off-delay relays.
Auxiliary Switch Options for On-Delay
Instant Transfer (Auxiliary Switch Code L, maximum of 2 per relay.)
1. Energizing coil begins time delay and transfers auxiliary switch.
2. Main switch transfers after total preset delay.
3. De-energizing coil resets both switches instantly.
Auxiliary switch is nonadjustable.
Two-Step Timing (Auxiliary Switch Code T, maximum of 1 per relay.)
1. Energizing coil begins time delay.
2. After first delay auxiliary switch transfers.
3. Main switch transfers after total preset delay.
4. De-energizing coil resets both switches instantly. First delay is
independently adjustable, up to 30% of overall delay.
(Recommended maximum 100 seconds.)
Auxiliary Switch Options for Off-Delay
In these models the same auxiliary switch provides either two-step timing or
instant transfer action, depending on the adjustment of the actuator.
Two-Step Timing (Auxiliary Switch Code T, maximum of 1 per relay.)
1. Energizing coil transfers main and auxiliary switches instantly.
2. De-energizing coil begins time delay.
3. After first delay auxiliary switch transfers.
4. Main switch transfers after total preset delay. First delay is independently
adjustable, up to 30% of overall delay. (Recommended maximum 100 sec-
onds.)
Instant Transfer (Auxiliary Switch Code L, maximum of 1 per relay.)
1. Energizing coil transfers main and auxiliary switches instantly.
2. De-energizing coil resets auxiliary switch and begins time delay.
3. Main switch transfers after total preset delay.
Auxiliary switch is factory adjusted to give instant transfer operation, but may
be easily adjusted in the field to provide two-step timing.
Auxiliary switch options
On-delay, off-delay model 7032 (double head)
The Double Head model provides delayed switch transfer on
energization of its coil, followed by delayed resetting upon coil de-
energization. Each delay period is independently adjustable.
In new circuit designs or the improvement of existing controls now
using two or more conventional timers, the Double Head unit offers distinct
advantages.
Its compact design saves precious panel space, while the simplified
wiring reduces costly interconnection.
Four pole model 7014. 7024
With the addition of an extra switch block at the bottom of the basic unit,
this version of the Series 7000 offers four pole switch capacity with simul-
taneous timing or two-step timing. The two-step operation is achieved by
factory adjustment to your specifications.
For two-step operation, a maximum timing ratio between upper and
lower switches of 3:2 is recommended. Once adjusted at the factory, this
ratio remains constant regardless of changes in dial settings. (Ex: If upper
switch transfer is set on dial at 60 sec., minimum time on lower switch
should be 40 sec.)
This Series 7000 unit offers many of the performance features found in
basic models - voltage ranges, timing and switch capacities are virtually iden-
tical.
Four pole models add approximately 1-1/4" to the maximum height of the
basic model, approximately 1/8" to the depth. They are designed for vertical
operation only.
Surge/transient protection option
Features
• Protect electronic control circuits
from voltage transients generated
by the timer coil.
• Fast response to the rapidly rising
back E.M.F.
• High performance clamping voltage
characteristics.
• UL recognized, (except varistor and
coil together).
• Timer NOT polarity sensitive.
The Surge/Transient Protection Option protects electronic control circuits from
transients and surges which are generated when the timer coil is activated.
Built with a minimum of moving parts, the unit provides a fast response to rap-
idly rising voltage transients. The accurate, precision-made device is not polari-
ty sensitive and permits the user to initiate, delay, sequence and program
equipment actions over a wide range of applications under the most severe
operating conditions.
It consists of a specially modified coil case, varistor, varistor cover, terminal
extensions and cup washers so that normal terminations can be used. The
varistor will not affect the operating characteristics of the 7000 Timer. The
varistor has bilateral and symmetrical voltage and current characteristics and
therefore can be used in place of the back-to-back zener diodes. This charac-
teristic also means that the coil will not be polarity sensitive.
Transient Suppressor
Option "V"



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com