| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADT7476AARQZ-R bảng dữ liệu(PDF) 64 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADT7476AARQZ-R bảng dữ liệu(HTML) 64 Page - ON Semiconductor |
|
64 / 67 page ![]() ADT7476A http://onsemi.com 64 Table 50. Register 0x7B — TACH Pulses per Revolution Register (Power−On Default = 0x55) Bit No. Mnemonic R/W Description [1:0] FAN1 R/W Sets number of pulses to be counted when measuring Fan 1 speed. Can be used to determine fan pulses per revolution for unknown fan type. Pulses Counted 00 = 1 01 = 2 (default) 10 = 3 11 = 4 [3:2] FAN2 R/W Sets number of pulses to be counted when measuring Fan 2 speed. Can be used to determine fan pulses per revolution for unknown fan type. Pulses Counted 00 = 1 01 = 2 (default) 10 = 3 11 = 4 [5:4] FAN3 R/W Sets number of pulses to be counted when measuring Fan 3 speed. Can be used to determine fan pulses per revolution for unknown fan type. Pulses Counted 00 = 1 01 = 2 (default) 10 = 3 11 = 4 [7:6] FAN4 R/W Sets number of pulses to be counted when measuring Fan 4 speed. Can be used to determine fan pulses per revolution for unknown fan type. Pulses Counted 00 = 1 01 = 2 (default) 10 = 3 11 = 4 |