công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL1431QLP bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện TL1431QLP
Giải thích chi tiết về linh kiện  PRECISION PROGRAMMABLE REFERENCE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL1431QLP bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TL1431QLP Datasheet HTML 12Page - Texas Instruments TL1431QLP Datasheet HTML 13Page - Texas Instruments TL1431QLP Datasheet HTML 14Page - Texas Instruments TL1431QLP Datasheet HTML 15Page - Texas Instruments TL1431QLP Datasheet HTML 16Page - Texas Instruments TL1431QLP Datasheet HTML 17Page - Texas Instruments TL1431QLP Datasheet HTML 18Page - Texas Instruments TL1431QLP Datasheet HTML 19Page - Texas Instruments TL1431QLP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Jun-2010
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TL1431CPWRG4
ACTIVE
TSSOP
PW
8
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Contact TI Distributor
or Sales Office
TL1431MFK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE N / A for Pkg Type
Purchase Samples
TL1431MFKB
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE N / A for Pkg Type
Purchase Samples
TL1431MJG
ACTIVE
CDIP
JG
8
1
TBD
A42
N / A for Pkg Type
Purchase Samples
TL1431MJGB
ACTIVE
CDIP
JG
8
1
TBD
A42
N / A for Pkg Type
Purchase Samples
TL1431QD
ACTIVE
SOIC
D
8
75
Pb-Free (RoHS)
CU NIPDAU Level-2-250C-1
YEAR/
Level-1-235C-UNLIM
Contact TI Distributor
or Sales Office
TL1431QDG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Request Free Samples
TL1431QDR
ACTIVE
SOIC
D
8
2500
Pb-Free (RoHS)
CU NIPDAU Level-2-250C-1
YEAR/
Level-1-235C-UNLIM
Purchase Samples
TL1431QDRG4
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
TL1431QLP
OBSOLETE
TO-92
LP
3
TBD
Call TI
Call TI
Samples Not Available
TL1431QLPR
OBSOLETE
TO-92
LP
3
TBD
Call TI
Call TI
Samples Not Available
TL1431QPWR
ACTIVE
TSSOP
PW
8
2000
TBD
CU NIPDAU Level-1-250C-UNLIM
Purchase Samples
TL1431QPWRG4
ACTIVE
TSSOP
PW
8
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com