| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL1431CLPM bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL1431CLPM bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 27 page ![]() www.ti.com V(BATT) R 30 Ω TL1431 2N2222 2N2222 0.01 µF 4.7 k Ω R1 0.1% R2 0.1% VO V O + 1 ) R1 R2 V I(ref) V(BATT) In Out VO TL1431 Common µA7805 R1 R2 V + 1 ) R1 R2 V I(ref) Min V = VI(ref) + 5 V V(BATT) VO TL1431 R1 R2 C V trip + 1 ) R1 R2 V I(ref) V(BATT) TL1431 V O + 1 ) R1 R2 V I(ref) R1 R2 R VO LM317 In Out V(BATT) 8.2 k Ω TL1431 Adjust 243 Ω 0.1% 243 Ω 0.1% VO = 5 V, 1.5 A, 0.5% V(BATT) VO = 5 V Rb TL1431 27.4 k Ω 0.1% 27.4 k Ω 0.1% TL1431 PRECISION PROGRAMMABLE REFERENCE SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007 Figure 19. Output Control of a Three-Terminal Fixed A. R should provide cathode current ≥1 mA to Regulator the TL1431 at minimum V(BATT). Figure 18. Precision High-Current Series Regulator Figure 20. Higher-Current Shunt Regulator A. Refer to the stability boundary conditions in Figure 15 to determine allowable values for C. Figure 21. Crowbar Figure 22. Precision 5-V, 1.5-A, 0.5% Regulator A. Rb should provide cathode current ≥1 mA to the TL1431. Figure 23. 5-V Precision Regulator Copyright © 1991–2007, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Link(s): TL1431 |