công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB2012T2R2M bảng dữ liệu(PDF) 39 Page - Taiyo Yuden (U.S.A.), Inc

tên linh kiện LB2012T2R2M
Giải thích chi tiết về linh kiện  WOUND CHIP INDUCTORS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Trang chủ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2012T2R2M bảng dữ liệu(HTML) 39 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB2012T2R2M Datasheet HTML 35Page - Taiyo Yuden (U.S.A.), Inc LB2012T2R2M Datasheet HTML 36Page - Taiyo Yuden (U.S.A.), Inc LB2012T2R2M Datasheet HTML 37Page - Taiyo Yuden (U.S.A.), Inc LB2012T2R2M Datasheet HTML 38Page - Taiyo Yuden (U.S.A.), Inc LB2012T2R2M Datasheet HTML 39Page - Taiyo Yuden (U.S.A.), Inc LB2012T2R2M Datasheet HTML 40Page - Taiyo Yuden (U.S.A.), Inc LB2012T2R2M Datasheet HTML 41Page - Taiyo Yuden (U.S.A.), Inc LB2012T2R2M Datasheet HTML 42Page - Taiyo Yuden (U.S.A.), Inc LB2012T2R2M Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
135
1
wound07_e-01
■ PART NUMBERS
●BR C1608 type
●BR L2012 type
●BR C2016 type
Ordering code
EHS (Environmental
Hazardous
Substances)
Inductance
[μH]
Inductance
Tolerance
Self-resonant
frequency
[MHz] (min.)
DC Resistance
[Ω] (±30%)
Rated current ※)[mA]
Measuring
frequency
[MHz]
Saturation current
Idc1
Temperature rise current
Idc2
BR C1608TR20M
RoHS
0.20
±20%
400
0.060
1,750
980
7.96
BR C1608TR35M
RoHS
0.35
300
0.080
1,400
810
BR C1608TR45M
RoHS
0.45
200
0.090
1,250
800
BR C1608TR56M
RoHS
0.56
170
0.095
1,150
760
BR C1608TR77M
RoHS
0.77
150
0.110
1,000
660
BR C1608T1R0M
RoHS
1.00
140
0.180
850
520
BR C1608T1R5M
RoHS
1.50
120
0.300
700
410
BR C1608T2R2M
RoHS
2.20
100
0.550
550
280
Ordering code
EHS (Environmental
Hazardous
Substances)
Inductance
[μH]
Inductance
Tolerance
Self-resonant
frequency
[MHz] (min.)
DC Resistance
[Ω] (±30%)
Rated current ※)[mA]
Measuring
frequency
[MHz]
Saturation current
Idc1
Temperature rise current
Idc2
BR L2012TR47M
RoHS
0.47
±20%
350
0.090
1,100
1,050
7.96
BR L2012T1R0M
RoHS
1.0
300
0.135
850
850
BR L2012T1R5M
RoHS
1.5
250
0.180
700
750
BR L2012T2R2M
RoHS
2.2
200
0.300
600
550
BR L2012T3R3M
RoHS
3.3
190
0.500
490
440
BR L2012T4R7M
RoHS
4.7
150
0.550
340
400
BR L2012T6R8M
RoHS
6.8
60
0.750
290
350
BR L2012T100M
RoHS
10
30
0.850
270
330
2.52
BR L2012T150M
RoHS
15
15
1.00
220
300
BR L2012T220M
RoHS
22
13
1.30
190
270
BR L2012T330M
RoHS
33
8.0
2.00
150
220
BR L2012T470M
RoHS
47
7.0
3.50
125
160
BR L2012T680M
RoHS
68
6.5
5.80
100
110
BR L2012T101M
RoHS
100
6.0
7.70
85
85
0.796
Ordering code
EHS (Environmental
Hazardous
Substances)
Inductance
[μH]
Inductance
Tolerance
Self-resonant
frequency
[MHz] (min.)
DC Resistance
[Ω] (±30%)
Rated current ※)[mA]
Measuring
frequency
[MHz]
Saturation current
Idc1
Temperature rise current
Idc2
BR C2016T1R0M
RoHS
1.0
±20%
450
0.085
1,350
1,100
0.10
BR C2016T1R5M
RoHS
1.5
370
0.150
1,100
820
BR C2016T2R2M
RoHS
2.2
250
0.180
910
760
BR C2016T3R3M
RoHS
3.3
140
0.220
740
680
BR C2016T4R7M
RoHS
4.7
78
0.270
660
610
BR C2016T6R8M
RoHS
6.8
39
0.330
550
560
BR C2016T100□
RoHS
10
±20%
±10%
35
0.400
450
520
BR C2016T150□
RoHS
15
28
0.600
400
410
BR C2016T220□
RoHS
22
24
1.00
310
310
BR C2016T330□
RoHS
33
13
1.70
270
240
BR C2016T470□
RoHS
47
11
2.20
210
210
BR C2016T680□
RoHS
68
8
2.80
200
190
BR C2016T101□
RoHS
100
7
3.40
140
170
・Please specify the inductance tolerance code. (M or K)
※)The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃)
※)The temperature rise current value (Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃)
※)The rated current is the DC current value that satisfies both of DC saturation current value and temperature rise current value.
●BR C2518 type
Ordering code
EHS (Environmental
Hazardous
Substances)
Inductance
[μH]
Inductance
Tolerance
Self-resonant
frequency
[MHz] (min.)
DC
Resistance
[Ω] (±30%)
Rated current ※)[mA]
Measuring
frequency
[MHz]
Saturation
current
Idc1
Temperature rise
current
Idc2
BR C2518T1R0M
RoHS
1.0
±20%
280
0.050
2,550
1,650
1.00
BR C2518T1R5M
RoHS
1.5
230
0.080
2,100
1,300
BR C2518T2R2M
RoHS
2.2
200
0.120
1,800
1,000
BR C2518T3R3M
RoHS
3.3
150
0.175
1,450
860
BR C2518T4R7M
RoHS
4.7
100
0.230
1,250
750
BR C2518T6R8M
RoHS
6.8
45
0.280
1,050
680
BR C2518T100□
RoHS
10
±20%
±10%
20
0.350
890
610
BR C2518T150□
RoHS
15
13
0.43
760
550
BR C2518T220□
RoHS
22
10
0.56
640
490
BR C2518T330□
RoHS
33
8
0.85
560
390
BR C2518T470□
RoHS
47
6.5
1.45
410
300
BR C2518T680□
RoHS
68
5.5
2.40
340
230
BR C2518T101□
RoHS
100
4.5
3.60
300
190
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com