công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16CP754CIPM bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL16CP754CIPM
Giải thích chi tiết về linh kiện  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754CIPM bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TL16CP754CIPM Datasheet HTML 1Page - Texas Instruments TL16CP754CIPM Datasheet HTML 2Page - Texas Instruments TL16CP754CIPM Datasheet HTML 3Page - Texas Instruments TL16CP754CIPM Datasheet HTML 4Page - Texas Instruments TL16CP754CIPM Datasheet HTML 5Page - Texas Instruments TL16CP754CIPM Datasheet HTML 6Page - Texas Instruments TL16CP754CIPM Datasheet HTML 7Page - Texas Instruments TL16CP754CIPM Datasheet HTML 8Page - Texas Instruments TL16CP754CIPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
www.ti.com
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PN
PM
6, 46,
4, 35,
VCC
Pwr
Power supply inputs
66
52
Crystal or external clock input. XTAL1 functions as a crystal input or as an external clock
input. A crystal can be connected between XTAL1 and XTAL2 to form an internal
XTAL1
31
25
I
oscillator circuit (see Figure 10). Alternatively, an external clock can be connected to
XTAL1 to provide custom data rates.
Output of the crystal oscillator or buffered clock. See also XTAL1. XTAL2 is used as a
XTAL2
32
26
O
crystal oscillator output or buffered clock output.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49