| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90USB82 bảng dữ liệu(PDF) 63 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB82 bảng dữ liệu(HTML) 63 Page - ATMEL Corporation |
|
63 / 306 page ![]() 63 7707E–AVR–11/08 AT90USB82/162 10. Interrupts This section describes the specifics of the interrupt handling as performed in AT90USB82/162. For a general explanation of the AVR interrupt handling, refer to “Reset and Interrupt Handling” on page 13. 10.1 Interrupt Vectors in AT90USB82/162 Table 10-1. Reset and Interrupt Vectors Vector No. Program Address(2) Source Interrupt Definition 1 $0000(1) RESET External Pin, Power-on Reset, Brown-out Reset, Watchdog Reset, USB Reset and debugWIRE AVR Reset 2 $0002 INT0 External Interrupt Request 0 3 $0004 INT1 External Interrupt Request 1 4 $0006 INT2 External Interrupt Request 2 5 $0008 INT3 External Interrupt Request 3 6 $000A INT4 External Interrupt Request 4 7 $000C INT5 External Interrupt Request 5 8 $000E INT6 External Interrupt Request 6 9 $0010 INT7 External Interrupt Request 7 10 $0012 PCINT0 Pin Change Interrupt Request 0 11 $0014 PCINT1 Pin Change Interrupt Request 1 12 $0016 USB General USB General Interrupt request 13 $0018 USB Endpoint USB Endpoint Interrupt request 14 $001A WDT Watchdog Time-out Interrupt 15 $001C TIMER1 CAPT Timer/Counter1 Capture Event 16 $001E TIMER1 COMPA Timer/Counter1 Compare Match A 17 $0020 TIMER1 COMPB Timer/Counter1 Compare Match B 18 $0022 TIMER1 COMPC Timer/Counter1 Compare Match C 19 $0024 TIMER1 OVF Timer/Counter1 Overflow 20 $0026 TIMER0 COMPA Timer/Counter0 Compare Match A 21 $0028 TIMER0 COMPB Timer/Counter0 Compare match B 22 $002A TIMER0 OVF Timer/Counter0 Overflow 23 $002C SPI, STC SPI Serial Transfer Complete 24 $002E USART1 RX USART1 Rx Complete 25 $0030 USART1 UDRE USART1 Data Register Empty 26 $0032 USART1TX USART1 Tx Complete |