| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6EL1SC bảng dữ liệu(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
6EL1SC bảng dữ liệu(HTML) 3 Page - Tyco Electronics |
|
3 / 4 page ![]() Case Dimensions A B CD E F Part No. (max) ±.015 (max) (max) (max) (max) ±.381 Flange 1.98 1.575 2.3 2.14 1.66 1.11 Unfiltered 50.29 40.0 58.42 54.36 42.16 28.19 Snap-in 1.28 — 2.3 2.14 1.66 1.11 Unfiltered 32.51 58.42 54.36 42.16 28.19 Flange 1.98 1.575 2.3 2.14 2.01 1.11 Filtered 50.29 40.0 58.42 54.36 51.05 28.19 Snap-in 1.28 — 2.3 2.14 2.01 1.11 Filtered 32.51 58.42 54.36 51.05 28.19 120 Catalog 1654001 Dimensions are in inches and Dimensions are shown for USA Cust. Svc.: 1-800-468-2023 www.corcom.com Revised 05-07 millimeters unless otherwise reference purposes only. CORCOM Prods: 1-847-680-7400 www.tycoelectronics.com specified. Values in italics Specifications subject Germany: 49-89-6089-0 are metric equivalents. to change. L Series CORCOM Product Guide Power Entry Module with RFI Power Line Filter for General or Medical Applications (Continued) Case Styles — Unfiltered Models Flange Models Typical dimensions: Mounting Holes: .126 [3.20 ] Dia. (2) All backplate terminals: .110 [2.79 ] terminals, except for switch. Switch terminals are .187 [4.765 ] Note: Snap-in models allow front mounting only. (1) For panel thickness of .031-.079 [0.8-2.0] (2) For panel thickness of .083-.126 [2.1-3.2] (3) For snap-in application, the 1.22 [28.5] sides of the cutout must have a .02 [.508] radius on the installation side. All backplate terminals: .110 [2.79] terminals, except for switch. Switch terminals are .187 [4.75] Note: Snap-in models allow front mounting only. G H 3 1 4 2 B A E .221 5.61 F C D .06 1.52 R 2.201 55.91 2.213 56.21 1.122 28.50 1.575 40.00 .020 .508 R * * * * +.008 -.00 +.203 -.00 Snap-In Models AC E B D F A G H E .221 5.61 F C D .06 1.52 R 2.201 55.91 2.213 56.21 1.122 28.50 .020 .508 R * * * * +.008 -.00 +.203 -.00 (1) (2) Back View Side View Back View Recommended Panel Cutout Recommended Panel Cutout Side View Snap-In Models Case Styles — Filtered Models AC E B D F G H Snap-in version D E .221 5.61 C G H 2 4 3 1 Flange mounted version Flange mounted version .221 5.61 D E C Side View Side View Note: Metric fuse models have additional jumper from filter-to-module. Flange Models |