| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6EEAP bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
6EEAP bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
|
2 / 2 page ![]() Catalog 1654001 Dimensions are in inches and Dimensions are shown for USA Cust. Svc.: 1-800-468-2023 www.corcom.com Revised 05-07 millimeters unless otherwise reference purposes only. CORCOM Prods: 1-847-680-7400 www.tycoelectronics.com specified. Values in italics Specifications subject Germany: 49-89-6089-0 are metric equivalents. to change. Cost Effective Compact RFI Filter IEC Connector Package (Continued) Case Styles EEA1/EEB1 (front or back mounting) EEA2/EEB2 (back mount only) EEAP/EEBP (back mount only) Case Dimensions ABC D E ± .010 Part No. (max) (max) (max) (max) ± .25 EEA1 2.15 1.12 0.81 1.575 1.98 54.6 28.4 20.6 40.01 50.3 EEA2 1.54 1.12 0.81 1.575 1.98 39.1 28.4 20.6 40.01 50.3 EEAP 1.54 1.12 0.81 1.575 1.98 39.1 28.4 20.6 40.01 50.3 EEB1 2.15 1.12 0.81 1.575 1.98 54.6 28.4 20.6 40.01 50.3 EEB2 1.54 1.12 0.81 1.575 1.98 39.1 28.4 20.6 40.01 50.3 EEBP 1.54 1.12 0.81 1.575 1.98 39.1 28.4 20.6 40.01 50.3 37 EEA, EEB Series CORCOM Product Guide E D B C A Typical dimensions: Terminals: .250 [6.35] (3) Holes: .07 [1.8] Dia.(2) Slot: .07 x .16 [1.8 x 3.8] (1) Typical dimensions: Mounting holes: .132 [3.35] Dia. (2) with .236 Dia. x 90˚ countersunk for #4 Flathead Screw. E B C A D E B A D .551 ± .010 .380 Max. .537 Ref. Recommended Panel Cutouts EEAP/EEBP Model PCB Layout .140 3.56 .12 3.05 .820 20.8 R Dia. (2) 1.14±.02 28.96 ±.51 1.575 40.01 .140 3.56 .234 5.94 .900 22.9 R Dia. (2) 1.200 30.48 1.575 40.01 Panel Cutout (back mount) Panel Cutout (front mount) Tolerance ±.005 [0.13] Tolerance ±.005 [0.13] Part Numbers 01EEA1 01EEB1 01EEA2 01EEB2 01EEAP 01EEBP 03EEA1 03EEB1 03EEA2 03EEB2 03EEAP 03EEBP 06EEA1 06EEB1 06EEA2 06EEB2 06EEAP 06EEBP 10EEA1 10EEB1 10EEA2 10EEB2 10EEAP 10EEBP Line Cord No. GA400 Insulating Boot No. FA601 0.551 13.99 0.520 [13.21] 0.075 1.91 Dia. Center pin to panel .685±.015 17.40±0.38 |