| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PT2249AL bảng dữ liệu(PDF) 2 Page - Princeton Technology Corp |
|
|
|||||||||||||||||||||||||||||
PT2249AL bảng dữ liệu(HTML) 2 Page - Princeton Technology Corp |
|
2 / 6 page ![]() Princeton Technology Corp. Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw Infrared Remote Control Receiver PT2249A / PT2250A Series PT2249A/50A v 2.3 Page 2 Revised Dec. 1999 Pin Configurations 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 V RXIN HP1 HP2 HP3 HP4 HP5 SP5 SS V OSC CODE2 CODE3 SP1 SP2 SP3 SP4 CC PT2249A 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 V RXIN HP1 HP2 HP3 HP4 HP5 CP2 SS V OSC CODE2 CODE3 SP1 SP2 SP3 CP1 CC PT2249AI / PT2249AIN PT2249AL / PT2249ALN PT2249AH / PT2249AHN (16 PDIP 300 mil) (16 PDIP 300 mil) 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 V RXIN HP1 HP2 HP3 HP4 HP5 HP6 CP2 CP1 SP10 SP9 SS V OSC CODE1 CODE2 SP1 SP2 SP3 SP4 SP5 SP6 SP7 SP8 CC PT2250A /PT2250AN PT2250AL / PT2250ALN (24 PDIP 600 mil) A N I L H A d vanced Version Inv ersed R X IN Input In dependent C yclic (Toggle) O utputs A d vanced D epend en t C y clic (Tog gle) O utp uts) O u tpu t F o rm at sam e as "L ", except that w h en H P 1 or H P 2 is active, it w ill clear C P 1. - - - - - |