công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6EAS1 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện 6EAS1
Giải thích chi tiết về linh kiện  Snap-In Compact RFI Filter IEC Connector Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

6EAS1 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  6EAS1 Datasheet HTML 1Page - Tyco Electronics 6EAS1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Style
Recommended Panel Cutout
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
Snap-In Compact RFI Filter IEC Connector Package (Continued)
Case Dimensions
AB
C
D
E
Part No.
(max)
(max)
(max)
± .010
(max)
± .25
EAS1, EBS1
2.20
1.15
.96
1.185
1.41
55.88
29.2
24.38
30.10
35.81
27
EAS, EBS Series
CORCOM Product Guide
EAS1/EBS1
R 0.188 [4.78]
(4X)
.815
20.70
G±.002
[.05]
Front Mount Only
Part Numbers
01EAS1
01EBS1
03EAS1
03EBS1
06EAS1
06EBS1
10EAS1
10EBS1
15EAS1
15EBS1
Line Cord No.
GA400
Insulating Boot No.
FA601
Typical dimensions:
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.(2)
Slot: .07 x .16 [1.8 x 4.1]
Panel Thickness
G Dim.±.002
0.031 - 0.052 [.79 - 1.32]
1.260 [32.00]
0.046 - 0.068 [1.17 - 1.73]
1.350 [34.29]
EAS1/EBS1



Html Pages

1 2