công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1EBH1 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện 1EBH1
Giải thích chi tiết về linh kiện  For UL544 Health Care Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

1EBH1 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  1EBH1 Datasheet HTML 1Page - Tyco Electronics 1EBH1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Dimensions
Part No.
A
BC
D
E
(max)
(max)
(max)
±.010
(max)
±.25
EAH1
2.15
1.12
.90
1.575
1.98
54.61
28.45
22.86
40.01
50.29
EBH1
2.15
1.12
.90
1.575
1.98
54.61
28.45
22.86
40.01
50.29
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
For UL544 Health Care Equipment (Continued)
Case Style
Recommended Panel Cutouts
25
EAH, EBH Series
CORCOM Product Guide
E
C
D
A
B
.140
3.56
.12
3.0
Panel cutout for front mounting
.820
20.8
R
Dia. (2)
1.14
29.96
1.575
40.01
.140
3.56
.234
5.94
Panel cutout for back mounting
.900
22.9
R
Dia. (2)
1.200
30.48
1.575
40.01
.140
3.56
.12
3.0
Panel cutout for front mounting
.820
20.8
R
Dia. (2)
1.14
29.96
1.575
40.01
.140
3.56
.234
5.94
Panel cutout for back mounting
.900
22.9
R
Dia. (2)
1.200
30.48
1.575
40.01
EAH1/EBH1
Part Numbers
01EAH1
01EBH1
03EAH1
03EBH1
06EAH1
06EBH1
10EAH1
10EBH1
Line Cord No.
GA400
Insulating Boot No.
FA601
Panel Cutout (Front mount)
Panel Cutout (Back mount)
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(2)
Slot: .07 x .16 [1.8 x 4.1]
Mounting Holes: .132 [3.35] Dia. (2) with .236 Dia.
x 90˚ countersunk for #4 Flathead Screw
Tolerance ±.005 [
0.13]
Tolerance ±.005 [0.13]



Html Pages

1 2