| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UMJS4 bảng dữ liệu(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
UMJS4 bảng dữ liệu(HTML) 7 Page - Omron Electronics LLC |
|
7 / 12 page ![]() 7 UM/MC3 Dimensions (Unit: mm) Trims Safety Mat Two, R2.2 110 84 75 55 15.3 98 38 61.2 Y2 13 14 23 24 31 32 41 42 Y1 X1 X2 M11 M12 M21 M22 Stop Run Mat Clear LED (red) Lights when the safety output from the MC3 Safety Mat Controller is OFF LED (green) Lights when the safety output from the MC3 Safety Mat Controller is ON LED (green) Lights when the UM Safety Mat is not being activated (i.e., when intrusion is not being detected) Safety Mat Controller MC3 Terminal/LED arrangements 9.4 19.5 63.5 7.6 10.6 13.7 Aluminum Ramp Trim UMAL 23.1 101.6 Ramp Trim with Yellow PVC Cover UMRT @ 30.6 30.6 58.4 94.6 72.4 72.4 94.6 58.4 Joining Trim UMJS @ 21.9 21.9 57.5 94.6 72.4 72.4 94.6 57.5 Molded Outside Corner UMOC Molded Inside Corner UMIC 28.6 91.4 512 500 11.8 50.8 Mat dimension Mat dimension + 12 Cable position Example: UMYM5-0500-0500 |