| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E5GN-R2BTD-C bảng dữ liệu(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5GN-R2BTD-C bảng dữ liệu(HTML) 7 Page - Omron Electronics LLC |
|
7 / 17 page ![]() E5GN 7 Models with One Control Output and a 24-VAC/VDC Power Supply *1. If heating/cooling control mode is used, an auxiliary output is used as a control output for the cooling side. The number of auxiliary outputs that can be used will decrease by one. Also, the signal for the control output for the cooling side will be a relay output. *2. A current control output can be used as the transfer output. In that case, an auxiliary output is used as the control output. (This is not possible for models without an auxiliary output.) The control output will be a relay output. The number of auxiliary outputs that can be used will decrease by one. Case color Control output Control mode *1 No. of auxiliary outputs Detection of heater burnout, SSR failure, and heater overcurren t No. of event inputs Transfer output *2 Communic ations Previous model New model Thermocou- ple input Resistance thermome- ter input Black Relay output Standard --- --- --- --- --- E5GN-RTC E5GN-RP E5GN-RTD-C Standard or heating/ cooling 1 E5GN-R1TC E5GN-R1P E5GN-R1TD-C 2 --- --- E5GN-R1BTD-C --- RS-232C --- --- E5GN -R101TD-C-FLK RS-485 E5GN -R03TC-FLK E5GN -R03P-FLK E5GN -R103TD-C-FLK 2 --- --- --- E5GN-R2TD-C Detection for single- phase heaters --- --- E5GN-R2HTD-C --- 2 --- --- E5GN-R2BTD-C --- RS-485 --- --- E5GN -R203TD-C-FLK Voltage output (for driving SSR) Standard --- --- --- --- --- E5GN-QTC E5GN-QP E5GN-QTD-C Standard or heating/ cooling 1 E5GN-Q1TC E5GN-Q1P E5GN-Q1TD-C 2 --- --- E5GN-Q1BTD-C --- RS-232C --- --- E5GN -Q101TD-C-FLK RS-485 E5GN -Q03TC-FLK E5GN -Q03P-FLK E5GN -Q103TD-C-FLK 2 --- --- --- E5GN-Q2TD-C Detection for single- phase heaters --- --- E5GN-Q2HTD-C --- 2 --- --- E5GN-Q2BTD-C --- RS-485 --- --- E5GN -Q203TD-C-FLK Current output Standard or heating/ cooling 1 --- --- Transfer output using control output --- --- --- E5GN-C1TD-C 2 --- --- E5GN-C1BTD-C --- RS-232C --- --- E5GN -C101TD-C-FLK RS-485 --- --- E5GN -C103TD-C-FLK |