| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S8VM bảng dữ liệu(PDF) 30 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
S8VM bảng dữ liệu(HTML) 30 Page - Omron Electronics LLC |
|
30 / 37 page ![]() S8VM 30 Mounting Bracket J (Front Mounting for 600-W Models) Mounting Bracket K (DIN Rail Mounting for 600-W Models) Two, 4.5 dia. 102.3 82 98 105 13.5 4.5 5 105 257 max. 222.3 A A A A B B B S82Y-VM60F Using the Mounting Bracket Screws Used A: Accessories (Use the supplied screws in four places.) B: M4 (three places) Mounting screw tightening torque (recommended): 1.27 N·m A A A A S82Y-VM60D Using the Mounting Bracket Screws Used A: Accessories (Use the supplied screws in four places.) Mounting screw tightening torque (recommended): 1.27 N·m 257 max. 222.3 9.5 6.6 102.3 98 105 (Sliding: 12 max.) Note: Use a metal DIN Rail when mounting a 600-W model to a DIN Rail. |