| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC2G66DCUT bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2G66DCUT bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 19 page ![]() www.ti.com PARAMETER MEASUREMENT INFORMATION t h t su From Output Under Test C (see Note A) L LOAD CIRCUIT S1 V LOAD Open GND R L Data Input Timing Input 0 V 0 V 0 V t W Input 0 V Input Output Waveform 1 S1 at V (see Note B) LOAD Output Waveform 2 S1 at GND (see Note B) V OL V OH 0 V ≈0 V Output Output TEST S1 t /t PLH PHL Open Output Control V M V M V M V M V M 1.8 V 0.15 V ± 2.5 V 0.2 V ± 3.3 V 0.3 V ± 5 V 0.5 V ± 1 k Ω 500 Ω 500 Ω 500 Ω V CC R L 2 × V CC 2 × V CC 2 × V CC 2 × V CC V LOAD C L 30 pF 30 pF 50 pF 50 pF 0.15 V 0.15 V 0.3 V 0.3 V V∆ V CC V I V CC/2 V CC/2 V CC/2 V M ≤2 ns ≤2 ns ≤2.5 ns ≤2.5 ns INPUTS R L t /t r f V CC V CC V CC V LOAD t /t PLZ PZL GND t /t PHZ PZH VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS NOTES: A. C includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators have the following characteristics: PRR 10 MHz, Z = 50 . D. The outputs are measured one at a time, with one transition per measurement. E. t and t are the same as t . F. t and t are the same as t . G. t and t are the same as t . H. All parameters and waveforms are not applicable to all devices. L O PLZ PHZ dis PZL PZH en PLH PHL pd ≤ Ω VOLTAGE WAVEFORMS PULSE DURATION VOLTAGE WAVEFORMS SETUP AND HOLD TIMES V I V I V I V M V M V /2 LOAD t PZL t PLZ t PHZ t PZH V – V OH ∆ V + V OL ∆ V M V M V M V M V OL V OH V I V I V OH V OL V M V M V M V M t PLH t PHL t PLH t PHL V CC/2 SN74LVC2G66 DUAL BILATERAL ANALOG SWITCH SCES325J – JULY 2001 – REVISED FEBRUARY 2007 Figure 5. Load Circuit and Voltage Waveforms 8 Submit Documentation Feedback |