| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8308VMADDA bảng dữ liệu(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8308VMADDA bảng dữ liệu(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 88 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 1 72 Freescale Semiconductor Package and Pin Listings TSEC_TMR_PP1 L18 O NVDDG — TSEC_TMR_PP2 L21 O NVDDG — TSEC_TMR_PP3/ GPIO[13] L22 O NVDDG — TSEC_TMR_ALARM1 L23 O NVDDG — TSEC_TMR_ALARM2/ GPIO[14] M23 O NVDDG — GPIO[7] M22 O — — TSEC2_CRS M21 O NVDDG — TSEC2_TMR_RX_ESFD/ GPIO[1] M18 O NVDDG — TSEC2_TMR_TX_ESFD/GPIO[2] M20 O NVDDG — TSEC1_TMR_RX_ESFD/GPIO[3] N23 O NVDDG — TSEC1_TMR_TX_ESFD/ GPIO[4] N21 O NVDDG — GTM1_TGATE3 N20 I NVDDG — GTM1_TIN4 N18 I NVDDG — GTM1_TGATE4/ GPIO[15] P23 I NVDDG — GTM1_TIN3 P22 I NVDDG — GPIO[5] N17 I NVDDH — GPIO[6] P21 I NVDDH — Power and Ground Supplies AVDD1 R6 I — — AVDD2 V10 I— — NC, No Connection Y23, B11, B16, D16 —— — VDD H8, H9, H10, H14, H15, H16, J8, J16, K8, K16, L8, L16, M8, M16, N8, N16, P8, P16, R8, R16, T8, T9, T10, T11, T12, T13, T14, T15, T16 I— — Table 53. MPC8308 Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |