| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PESM10HM25SN bảng dữ liệu(PDF) 1 Page - Caliber Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
PESM10HM25SN bảng dữ liệu(HTML) 1 Page - Caliber Electronics Inc. |
|
|
1 / 1 page ![]() TEL 949-366-8700 FAX 949-366-8707 WEB http://www.caliberelectronics.com ELECTRICAL SPECIFICATIONS Revision: 2005-A Frequency Range 74.000MHz to 200.000MHz Operating Temperature Range 0°C to 70°C / -20°C to 70°C / -40°C to 85°C Storage Temperature Range -55°C to 125°C Supply Voltage 1.8V, 2.5V, 3.0V, 3.3V, 5.0V Supply Current 70mA Maximum Frequency Tolerance / Stability Inclusive of Operating Temperature Range, Supply Voltage and Load ±100ppm, ±50ppm, ±25ppm, ±20ppm, ±15ppm or ±10ppm Rise / Fall Time 1.0 nSec Maximum (20% to 80% of Amplitude) Duty Cycle 50 ±10% (Standard) 50±5% (Optional) Load Drive Capability 50 ohms (Vcc to +2.0V) Aging (@ 25°C) ±5ppm Maximum (first year) Start Up Time 10mSeconds Maximum RMS Clock Jitter 1pS Maximum PART NUMBERING GUIDE Environmental/Mechanical Specifications on page F5 PESM 00 HM 33 R T - 30.000MHz Package PESM = 5X7X1.6mm, PECL Oscillator, High Frequency Pin One Connection T = Tri State Enable High N = No Connect Output Symmetry R = 40/60% S = 45/55% Operating Temperature Range HM = 0°C to 70°C GM = -10° to-20°C FM = -20° to 70°C CQ = -40°C to 85°C Inclusive Stability 00 = 100ppm 50 = 50ppm 25 = 25ppm 15 = 15ppm 10 = 10ppm MECHANICAL DIMENSIONS Marking Guide on page F3-F4 TEL 949-366-8700 FAX 949-366-8707 WEB http://www.caliberelectronics.com Pin Connection 1 Enable / Disable 2 NC 3 Ground 4 Output 5 C - Output 6 Vcc 7.5 max. 5.0 ±0.2 1.7 Max. 2.20 ±0.15 5.08 ±0.15 1.0 ±0.2 (X6 plcs.) 1 3 4 6 Ceramic Metal 1.4 ±0.2 (X6 plcs.) 2 5 Voltage 18 = 1.8V 25 = 2.5V 30 = 3.0V 33 = 3.3V 50 = 5.0V PESM Series 5X7X1.6mm / PECL SMD Oscillator CAL I BER Electr on ics In c. Lead-Free RoHS Compliant |
Số phần tương tự - PESM10HM25SN |
|
Mô tả tương tự - PESM10HM25SN |