| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT3757 bảng dữ liệu(PDF) 19 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT3757 bảng dữ liệu(HTML) 19 Page - Linear Technology |
|
19 / 36 page ![]() LT3757 3757fb applicaTions inForMaTion Flyback Converter: Transformer Design for Discontinuous Mode Operation Thetransformerdesignfordiscontinuousmodeofopera- tionischosenaspresentedhere.AccordingtoFigure8, the minimum D3 (D3MIN)occurswhentheconverter hastheminimumVINandthemaximumoutputpower (POUT).ChooseD3MINtobeequaltoorhigherthan10% toguaranteetheconverterisalwaysindiscontinuous mode operation (choosing higher D3 allows the use oflowinductances,butresultsinahigherswitchpeak current). TheusercanchooseaDMAXasthestartpoint.Then,the maximumaverageprimarycurrentscanbecalculatedby thefollowingequation: I I P D V LP MAX SW MAX OUT MAX MAX IN MIN ( ) ( ) ( ) ( ) • • = = h where histheconverterefficiency. Iftheflybackconverterhasmultipleoutputs,POUT(MAX) isthesumofalltheoutputpower. Themaximumaveragesecondarycurrentis: I I I D LS MAX D MAX OUT MAX ( ) ( ) ( ) = = 2 where: D2=1–DMAX–D3 theprimaryandsecondaryRMScurrentsare: I I D LP RMS LP MAX MAX ( ) ( ) • • = 2 3 I I D LS RMS LS MAX ( ) ( ) • • = 2 2 3 AccordingtoFigure8,theprimaryandsecondarypeak currentsare: ILP(PEAK)=ISW(PEAK)=2•ILP(MAX) ILS(PEAK)=ID(PEAK)=2•ILS(MAX) Theprimaryandsecondinductorvaluesoftheflyback convertertransformercanbedeterminedusingthefol- lowingequations: L D V P f L D V P MAX IN MAX OUT MAX S O = = 2 2 2 2 2 • • • • •( ( ) ( ) h UUT D OUT MAX V I f + ) • • ( ) 2 Theprimarytosecondturnsratiois: N N L L P S P S = Flyback Converter: Snubber Design Transformer leakage inductance (on either the primary orsecondary)causesavoltagespiketooccurafterthe MOSFETturn-off.Thisisincreasinglyprominentathigher loadcurrents,wheremorestoredenergymustbedis- sipated.Insomecasesasnubbercircuitwillberequired toavoidovervoltagebreakdownattheMOSFET’sdrain node.Therearedifferentsnubbercircuits,andApplication Note19isagoodreferenceonsnubberdesign.AnRCD snubberisshowninFigure7. Thesnubberresistorvalue(RSN)canbecalculatedbythe followingequation: R V V V N N I L f SN SN SN OUT P S SW PEAK LK = − 2 2 2 • • • • • ( ) |