công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC3203 bảng dữ liệu(PDF) 2 Page - Micrel Semiconductor

tên linh kiện MIC3203
Giải thích chi tiết về linh kiện  High-Brightness LED Driver Controller with High-Side Current Sense
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3203 bảng dữ liệu(HTML) 2 Page - Micrel Semiconductor

  MIC3203 Datasheet HTML 1Page - Micrel Semiconductor MIC3203 Datasheet HTML 2Page - Micrel Semiconductor MIC3203 Datasheet HTML 3Page - Micrel Semiconductor MIC3203 Datasheet HTML 4Page - Micrel Semiconductor MIC3203 Datasheet HTML 5Page - Micrel Semiconductor MIC3203 Datasheet HTML 6Page - Micrel Semiconductor MIC3203 Datasheet HTML 7Page - Micrel Semiconductor MIC3203 Datasheet HTML 8Page - Micrel Semiconductor MIC3203 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Micrel, Inc.
MIC3203
March 2010
2
M9999-032910-A
Ordering Information (1)
Part Number
Marking
Junction Temperature Range
Package
PWM
MIC3203YM
MIC3203YM
−40°C to +125°C
8-Pin SOIC
Dither
MIC3203-1YM
MIC3203-1YM
−40°C to +125°C
8-Pin SOIC
Non-Dither
Note:
1. YM
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
8-Pin SOIC
MIC3203/MIC3203-1
Pin Description
Pin Number
Pin Name
Pin Function
1
VCC
Voltage Regulator Output. The VCC pin supplies the power to the internal circuitry. The VCC in the output
of a linear regulator which is powered from VIN. A 1µF ceramic capacitor is recommended for bypassing
and should be placed as close as possible to the VCC and AGND pins. Do not connect to an external
load.
2
CS
Current-Sense Input. The CS pin provides the high-side current sense to set the LED current with an
external sense resistor.
3
VIN
Input Power Supply. VIN is the input supply pin to the internal circuitry and the positive input to the
current sense comparator. Due to the high frequency switching noise, a 10µF ceramic capacitor is
recommended to be placed as close as possible to VIN and the power ground (PGND) pin for
bypassing. Please refer to layout recommendations.
4
AGND
Ground pin for analog circuitry. Internal signal ground for all low power sections.
5
EN
Enable Input. The EN pin provides a logic level control of the output and the voltage has to be 2.0V or
higher to enable the current regulator. The output stage is gated by the DIM pin. When the EN pin is
pulled low, the regulator goes to off state and the supply current of the device is greatly reduced (below
1µA). In the off state, during this period the output drive is placed in a "tri-stated" condition, where
MOSFET is in an “off” or non-conducting state. Do not drive the EN pin above the supply voltage.
6
DIM
PWM Dimming Input. The DIM pin provides the control for brightness of the LED. A PWM input can be
used to control the brightness of LED. DIM high enables the output and its voltage has to be at least
2.0V or higher. DIM low disables the output, regardless of EN “high” state.
7
PGND
Power Ground Pin for Power FET. Power Ground (PGND) is for the high-current switching with
hysteretic mode. The current loop for the power ground should be as small as possible and separate
from the Analog ground (AGND) loop. Refer to the layout considerations for more details.
8
DRV
Gate-Drive Output. Connect to the gate of an external N-channel MOSFET. The drain of the external
MOSFET connects directly to the inductor and provides the switching current necessary to operate in
hysteretic mode. Due to the high frequency switching and high voltage associated with this pin, the
switch node should be routed away from sensitive nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com