| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD3 bảng dữ liệu(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
SSD3 bảng dữ liệu(HTML) 1 Page - Rohm |
|
1 / 8 page ![]() 1/7 www.rohm.com ○ c 2009 ROHM Co., Ltd. All rights reserved. 2009.02 - Rev.D Packaging specifications <surface mounting type> Taping Code Taping Code T2R T2R T2R T2L TE61 TL T2R TE-17 TW11 ∗1 T106 TL TR TR TN TR ∗2 T116 T146 T148 T108 ∗3 T110 TR TR TR TR TR TR TE25 TL TL − TE-11 TE61 TE61 GMD2 VMN2 VMD2 VMD3 EMD2 EMD3 EMD4 EMD5 TEMD5 EMD6 UMD2 UMD3 UMD4 UMD5 UMD6 UMD6 SSD3 SMD3 SMD5 SMD6 TSMD5 TSMD6 TUMD2 TUMD5 PMDU PMDT PMDS CPD LPDS TO-220 LLDS HMD8 HMD12 Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Embossed tape Bulk Embossed tape Embossed tape Embossed tape 8,000 8,000 8,000 8,000 3,000 3,000 8,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 1,500 2,500 1,000 500 2,500 3,000 3,000 Cathode at sprocket side Cathode at sprocket side Cathode at sprocket side One terminal at sprocket side Cathode at sprocket side One terminal at sprocket side Cathode at sprocket side Cathode at sprocket side One terminal at sprocket side Cathode at sprocket side (DA227) Three terminals at sprocket side Cathode at sprocket side No feed direction Cathode at sprocket side One terminal at sprocket side One terminal at sprocket side Three terminals at sprocket side Anode at sprocket side No feed direction Pin1 at sprocket side Pin1 at sprocket side Cathode at sprocket side Pin1 at sprocket side Cathode at sprocket side Cathode at sprocket side Cathode at sprocket side Fin at sprocket side Fin at sprocket side − Cathode at sprocket side Cathode at sprocket side Cathode at sprocket side Package Package Specification Packaging Style, Direction Ordering Unit (pcs/reel) Notes: ∗1 Regarding the UMD2 package, only 1SS356 is available in TW11. ∗2 Regarding the UMD6 package, only RB731XN is offered in TR. ∗3 Regarding the SMD6 package, only IMN10 and RB731U are available in T108. Available outside Japan |
Số phần tương tự - SSD3 |
|
Mô tả tương tự - SSD3 |