| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INT202PFI2 bảng dữ liệu(PDF) 2 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
INT202PFI2 bảng dữ liệu(HTML) 2 Page - Power Integrations, Inc. |
|
2 / 12 page ![]() INT202 F 2/96 2 Pin Functional Description Pin 1: Active-high logic-level input HS IN HS IN HS IN HS IN HS IN controls the pulse circuit which signals the INT201 high-side driver. Pin 2: Active-high logic level input LS IN controls the low side driver output. Pin 3: LS OUT is the driver output which controls the low-side MOSFET. Pin 4: COM connection; analog reference point for the circuit. Pin 5: Level shift output HSD 2 signals the high-side driver to turn off. One short, precise pulse is sent on each positive transition of HS IN. Pin 6: Level shift output HSD 1 signals the high-side driver to turn on. Two short, precise pulses are sent on each negative transition of HS IN. Pin 7: N/C for creepage distance. Pin 8: V DD supplies power to the logic, high- side interface, and low-side driver. 2 Figure 3. Functional Block Diagram of the INT202 HS IN LS IN COM HSD1 HSD2 LS OUT PI-1766-020296 PULSE CIRCUIT LINEAR REGULATOR VDD DELAY UV LOCKOUT |