công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12CE519-04/ESM bảng dữ liệu(PDF) 32 Page - Microchip Technology

tên linh kiện PIC12CE519-04/ESM
Giải thích chi tiết về linh kiện  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE519-04/ESM bảng dữ liệu(HTML) 32 Page - Microchip Technology

Back Button PIC12CE519-04/ESM Datasheet HTML 28Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 29Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 30Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 31Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 32Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 33Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 34Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 35Page - Microchip Technology PIC12CE519-04/ESM Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
PIC12C5XX
DS40139E-page 32
© 1999 Microchip Technology Inc.
FIGURE 7-3:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
FIGURE 7-4:
ACKNOWLEDGE TIMING
(A)
(B)
(C)
(D)
(A)
(C)
SCL
SDA
START
CONDITION
ADDRESS OR
ACKNOWLEDGE
VALID
DATA
ALLOWED
TO CHANGE
STOP
CONDITION
SCL
9
8
7
6
5
4
3
2
11
2
3
Transmitter must release the SDA line at this point
allowing the Receiver to pull the SDA line low to
acknowledge the previous eight bits of data.
Receiver must release the SDA line at this point
so the Transmitter can continue sending data.
Data from transmitter
Data from transmitter
SDA
Acknowledge
Bit
7.2
Device Addressing
After generating a START condition, the bus master
transmits a control byte consisting of a slave address
and a Read/Write bit that indicates what type of opera-
tion is to be performed. The slave address consists of
a 4-bit device code (1010) followed by three don’t care
bits.
The last bit of the control byte determines the operation
to be performed. When set to a one a read operation is
selected, and when set to a zero a write operation is
selected. (Figure 7-5). The bus is monitored for its cor-
responding slave address all the time. It generates an
acknowledge bit if the slave address was true and it is
not in a programming mode.
FIGURE 7-5:
CONTROL BYTE FORMAT
10
1
0
X
X
X
SACK
R/W
Device Select
Bits
Don’t Care
Bits
Slave Address
Acknowledge Bit
Start Bit
Read/Write Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com