công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12CE518T-04/ESM bảng dữ liệu(PDF) 65 Page - Microchip Technology

tên linh kiện PIC12CE518T-04/ESM
Giải thích chi tiết về linh kiện  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518T-04/ESM bảng dữ liệu(HTML) 65 Page - Microchip Technology

Back Button PIC12CE518T-04/ESM Datasheet HTML 61Page - Microchip Technology PIC12CE518T-04/ESM Datasheet HTML 62Page - Microchip Technology PIC12CE518T-04/ESM Datasheet HTML 63Page - Microchip Technology PIC12CE518T-04/ESM Datasheet HTML 64Page - Microchip Technology PIC12CE518T-04/ESM Datasheet HTML 65Page - Microchip Technology PIC12CE518T-04/ESM Datasheet HTML 66Page - Microchip Technology PIC12CE518T-04/ESM Datasheet HTML 67Page - Microchip Technology PIC12CE518T-04/ESM Datasheet HTML 68Page - Microchip Technology PIC12CE518T-04/ESM Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 65
PIC12C5XX
11.0
ELECTRICAL CHARACTERISTICS - PIC12C508/PIC12C509
Absolute Maximum Ratings†
Ambient Temperature under bias ........................................................................................................... –40°C to +125°C
Storage Temperature ............................................................................................................................. –65°C to +150°C
Voltage on VDD with respect to VSS .................................................................................................................0 to +7.5 V
Voltage on MCLR with respect to VSS...............................................................................................................0 to +14 V
Voltage on all other pins with respect to VSS ............................................................................... –0.6 V to (VDD + 0.6 V)
Total Power Dissipation(1) .................................................................................................................................... 700 mW
Max. Current out of VSS pin .................................................................................................................................. 200 mA
Max. Current into VDD pin ..................................................................................................................................... 150 mA
Input Clamp Current, IIK (VI < 0 or VI > VDD)
.................................................................................................................... ±20 mA
Output Clamp Current, IOK (VO < 0 or VO > VDD)
............................................................................................................. ±20 mA
Max. Output Current sunk by any I/O pin ................................................................................................................ 25 mA
Max. Output Current sourced by any I/O pin........................................................................................................... 25 mA
Max. Output Current sourced by I/O port (GPIO) ................................................................................................. 100 mA
Max. Output Current sunk by I/O port (GPIO )...................................................................................................... 100 mA
Note 1: Power Dissipation is calculated as follows: PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
†NOTICE: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com