| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2610-E/SP bảng dữ liệu(PDF) 97 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2610-E/SP bảng dữ liệu(HTML) 97 Page - Microchip Technology |
|
97 / 376 page ![]() © 2009 Microchip Technology Inc. DS39636D-page 99 PIC18F2X1X/4X1X TABLE 9-2: SUMMARY OF REGISTERS ASSOCIATED WITH PORTA Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page PORTA RA7(1) RA6(1) RA5 RA4 RA3 RA2 RA1 RA0 54 LATA LATA7(1) LATA6(1) PORTA Data Latch Register (Read and Write to Data Latch) 54 TRISA TRISA7(1) TRISA6(1) PORTA Data Direction Control Register 54 ADCON1 — — VCFG1 VCFG0 PCFG3 PCFG2 PCFG1 PCFG0 53 CMCON C2OUT C1OUT C2INV C1INV CIS CM2 CM1 CM0 53 CVRCON CVREN CVROE CVRR CVRSS CVR3 CVR2 CVR1 CVR0 53 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTA. Note 1: RA7:RA6 and their associated latch and data direction bits are enabled as I/O pins based on oscillator configuration; otherwise, they are read as ‘0’. |