| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM4104IPFBREP bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM4104IPFBREP bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 43 page ![]() www.ti.com LRCK BCK DATA0 DATA1 SCKI RST MUTE SUB CS CCLK CDIN CDOUT MODE V REF1+ V OUT1+ V OUT1− V REF1− V REF2+ V OUT2+ V OUT2− V REF2− V COM1 V REF3+ V OUT3+ V OUT3− V REF3− V REF4+ V OUT4+ V OUT4− V REF4− V COM2 Digital Filtering and Functions Audio Serial Port Control and SPI Port Digital Power Analog Power System Clock and Timing V CC1 AGND1 V CC21 AGND2 V DD DGND V DD D/A Converter and Output Filter D/A Converter and Output Filter D/A Converter and Output Filter D/A Converter and Output Filter ANALOG OUTPUTS PCM4104-EP SBAS419 – JUNE 2007 PRODUCT OVERVIEW (continued) Figure 2. PCM4104 Functional Block Diagram for Software Mode The PCM4104 provides four differential voltage outputs, corresponding to audio channels 1 through 4. VOUT1+ (pin 1) and VOUT1– (pin 2) correspond to Channel 1. VOUT2+ (pin 47) and VOUT2– (pin 46) correspond to Channel 2. VOUT3+ (pin 38) and VOUT3– (pin 39) correspond to Channel 3. VOUT4+ (pin 36) and VOUT4– (pin 35) correspond to Channel 4. Each differential output is typically capable of providing 6.15-V full-scale (differential) into a 600 Ω output load. The output pins are internally biased to the common-mode (or bipolar zero) voltage, which is nominally VCC/2. The output section of each D/A converter channel includes a single-pole, switched capacitor low-pass filter circuit. The switched capacitor filter response tracks with the sampling frequency of the D/A converter and provides attenuation of the out-of-band noise produced by the delta-sigma modulator. An external two-pole continuous time filter is recommended to further reduce the out-of-band noise energy and to band limit the output spectrum to frequencies suitable for audio reproduction. Refer to the Applications Information section of this data sheet for recommended output filter circuits. 14 Submit Documentation Feedback |