| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AUIPS7111STRR bảng dữ liệu(PDF) 15 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AUIPS7111STRR bảng dữ liệu(HTML) 15 Page - International Rectifier |
|
15 / 15 page ![]() AUIPS7111S “enhanced plastic.” Only products designated by IR as military-grade meet military specifications. Buyers acknowledge and agree that any such use of IR products which IR has not designated as military-grade is solely at the Buyer’s risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. IR products are neither designed nor intended for use in automotive applications or environments unless the specific IR products are designated by IR as compliant with ISO/TS 16949 requirements and bear a part number including the designation “AU”. Buyers acknowledge and agree that, if they use any non-designated products in automotive applications, IR will not be responsible for any failure to meet such requirements. For technical support, please contact IR’s Technical Assistance Center http://www.irf.com/technical-info/ WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 www.irf.com 15 |