| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K22-E/PT bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/PT bảng dữ liệu(HTML) 9 Page - Microchip Technology |
|
9 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 9 PIC18(L)F2X/4XK22 TABLE 2: PIC18(L)F4XK22 PIN SUMMARY 2 19 19 RA0 AN0 C12IN0- 3 20 20 RA1 AN1 C12IN1- 4 21 21 RA2 AN2 C2IN+ VREF- DACOUT 5 22 22 RA3 AN3 C1IN+ VREF+ 6 23 23 RA4 C1OUT SRQ T0CKI 7 24 24 RA5 AN4 C2OUT SRNQ HLVDIN SS1 14 31 33 RA6 OSC2/ CLKO 13 30 32 RA7 OSC1/ CLKI 33 8 9 RB0 AN12 SRI FLT0 INT0 Y 34 9 10 RB1 AN10 C12IN3- INT1 Y 35 10 11 RB2 AN8 CTED1 INT2 Y 36 11 12 RB3 AN9 C12IN2- CTED2 CCP2/ P2A(1) Y 37 14 14 RB4 AN11 T5G IOC Y 38 15 15 RB5 AN13 CCP3/ P3A(4) T1G T3CKI(2) IOC Y 39 16 16 RB6 IOC Y PGC 40 17 17 RB7 IOC Y PGD 15 32 34 RC0 P2B(5) SOSCO/ T1CKI T3CKI(2) T3G 16 35 35 RC1 CCP2(1) P2A SOSCI 17 36 36 RC2 AN14 CTPLS CCP1/ P1A T5CKI 18 37 37 RC3 AN15 SCK1/ SCL1 23 42 42 RC4 AN16 SDI1/ SDA1 24 43 43 RC5 AN17 SDO1 25 44 44 RC6 AN18 TX1/ CK1 26 1 1 RC7 AN19 RX1/ DT1 19 38 38 RD0 AN20 SCK2/ SCL2 20 39 39 RD1 AN21 CCP4 SDI2/ SDA2 21 40 40 RD2 AN22 P2B(5) 22 41 41 RD3 AN23 P2C SS2 27 2 2 RD4 AN24 P2D SD02 28 3 3 RD5 AN25 P1B 29 4 4 RD6 AN26 P1C TX2 CK2 30 5 5 RD7 AN27 P1D RX2/ DT2 8 25 25 RE0 AN5 CCP3/ P3A(4) Note 1: CCP2 multiplexed in fuses. 2: T3CKI multiplexed in fuses. 3: Pins are enabled on -ICE derivative only, otherwise they are No Connects. 4: CCP3/P3A multiplexed in fuses. 5: P2B multiplexed in fuses. |