công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F23K22-E/ML bảng dữ liệu(PDF) 212 Page - Microchip Technology

tên linh kiện PIC18F23K22-E/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/ML bảng dữ liệu(HTML) 212 Page - Microchip Technology

Back Button PIC18F23K22-E/ML Datasheet HTML 208Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 209Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 210Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 211Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 212Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 213Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 214Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 215Page - Microchip Technology PIC18F23K22-E/ML Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 212
Preliminary
 2010 Microchip Technology Inc.
Any serial port function that is not desired may be
overridden by programming the corresponding data
direction (TRIS) register to the opposite value.
The MSSPx consists of a transmit/receive shift register
(SSPxSR) and a buffer register (SSPxBUF). The
SSPxSR shifts the data in and out of the device, MSb
first. The SSPxBUF holds the data that was written to
the SSPxSR until the received data is ready. Once the
8 bits of data have been received, that byte is moved to
the SSPxBUF register. Then, the Buffer Full Detect bit,
BF of the SSPxSTAT register, and the interrupt flag bit,
SSPxIF, are set. This double-buffering of the received
data (SSPxBUF) allows the next byte to start reception
before reading the data that was just received. Any
write to the SSPxBUF register during transmission/
reception of data will be ignored and the write collision
detect bit, WCOL of the SSPxCON1 register, will be
set. User software must clear the WCOL bit to allow the
following write(s) to the SSPxBUF register to complete
successfully.
When the application software is expecting to receive
valid data, the SSPxBUF should be read before the
next byte of data to transfer is written to the SSPxBUF.
The Buffer Full bit, BF of the SSPxSTAT register,
indicates when SSPxBUF has been loaded with the
received data (transmission is complete). When the
SSPxBUF is read, the BF bit is cleared. This data may
be irrelevant if the SPI is only a transmitter. Generally,
the MSSPx interrupt is used to determine when the
transmission/reception has completed. If the interrupt
method is not going to be used, then software polling
can be done to ensure that a write collision does not
occur.
FIGURE 15-5:
SPI MASTER/SLAVE CONNECTION
Serial Input Buffer
(BUF)
Shift Register
(SSPxSR)
MSb
LSb
SDOx
SDIx
Processor 1
SCKx
SPI Master SSPxM<3:0> = 00xx
Serial Input Buffer
(SSPxBUF)
Shift Register
(SSPxSR)
LSb
MSb
SDIx
SDOx
Processor 2
SCKx
SPI Slave SSPxM<3:0> = 010x
Serial Clock
SSx
Slave Select
General I/O
(optional)
= 1010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com