công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4580-E/ML bảng dữ liệu(PDF) 334 Page - Microchip Technology

tên linh kiện PIC18F4580-E/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML bảng dữ liệu(HTML) 334 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 330Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 331Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 332Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 333Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 334Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 335Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 336Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 337Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 338Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 334
© 2009 Microchip Technology Inc.
24.6.3
TRANSMIT PRIORITY
Transmit priority is a prioritization within the
PIC18F2480/2580/4480/4580 devices of the pending
transmittable messages. This is independent from and
not related to any prioritization implicit in the message
arbitration scheme built into the CAN protocol. Prior to
sending the Start-Of-Frame (SOF), the priority of all
buffers that are queued for transmission is compared.
The transmit buffer with the highest priority will be sent
first. If two buffers have the same priority setting, the
buffer with the highest buffer number will be sent first.
There are four levels of transmit priority. If the TXP bits
for a particular message buffer are set to ‘11’, that buf-
fer has the highest possible priority. If the TXP bits for
a particular message buffer are set to ‘00’, that buffer
has the lowest possible priority.
FIGURE 24-2:
TRANSMIT BUFFERS
TXB0
Message
Queue
Control
Transmit Byte Sequencer
TXB1
TXB2
TXB3 - TXB8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More