công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4580-I/ML bảng dữ liệu(PDF) 145 Page - Microchip Technology

tên linh kiện PIC18F4580-I/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML bảng dữ liệu(HTML) 145 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 141Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 142Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 143Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 144Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 145Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 146Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 147Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 148Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 145
PIC18F2480/2580/4480/4580
TABLE 11-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page:
PORTD(1)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
58
LATD(1)
LATD Output Latch Register
58
TRISD(1)
PORTD Data Direction Register
58
TRISE(1)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
58
ECCP1CON(1) EPWM1M1 EPWM1M0 EDC1B1
EDC1B0
ECCP1M3 ECCP1M2 ECCP1M1 ECCP1M0
57
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.
Note 1:
These registers are available on PIC18F4X80 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More