| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4580-I/ML bảng dữ liệu(PDF) 93 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4580-I/ML bảng dữ liệu(HTML) 93 Page - Microchip Technology |
|
93 / 490 page ![]() © 2009 Microchip Technology Inc. DS39637D-page 93 PIC18F2480/2580/4480/4580 RXF15EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 65, 309 RXF15SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 65, 308 RXF15SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 65, 309 RXF14EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 65, 309 RXF14EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 65, 309 RXF14SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 65, 308 RXF14SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 65, 309 RXF13EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 66, 309 RXF13EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 66, 309 RXF13SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 66, 308 RXF13SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 66, 309 RXF12EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 66, 309 RXF12EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 66, 309 RXF12SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 66, 308 RXF12SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 66, 309 RXF11EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 66, 309 RXF11EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 66, 309 RXF11SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 66, 308 RXF11SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 66, 309 RXF10EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 66, 309 RXF10EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 66, 309 RXF10SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 66, 308 RXF10SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 66, 309 RXF9EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 66, 309 RXF9EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 66, 309 RXF9SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 66, 308 RXF9SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 66, 309 RXF8EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 66, 309 RXF8EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 66, 309 RXF8SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 66, 308 RXF8SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 66, 309 RXF7EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 66, 309 RXF7EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 66, 309 RXF7SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 66, 308 RXF7SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 66, 309 RXF6EIDL EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 xxxx xxxx 66, 309 RXF6EIDH EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 xxxx xxxx 66, 309 RXF6SIDL SID2 SID1 SID0 — EXIDEN —EID17 EID16 xxx- x-xx 66, 308 RXF6SIDH SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 xxxx xxxx 66, 309 TABLE 6-2: REGISTER FILE SUMMARY (PIC18F2480/2580/4480/4580) (CONTINUED) File Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Detailson Page: Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition Note 1: Bit 21 of the PC is only available in Test mode and Serial Programming modes. 2: The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. See Section 5.4 “Brown-out Reset (BOR)”. 3: These registers and/or bits are not implemented on PIC18F2X80 devices and are read as ‘0’. Reset values are shown for PIC18F4X80 devices; individual unimplemented bits should be interpreted as ‘—’. 4: The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 3.6.4 “PLL in INTOSC Modes”. 5: The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only. 6: RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes. When disabled, these bits read as ‘0’. 7: CAN bits have multiple functions depending on the selected mode of the CAN module. 8: This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2. 9: These registers are available on PIC18F4X80 devices only. |